Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9380RG_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9380RG_2015
Description  3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9380RG_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9380RG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-9380RG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-9380RG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-9380RG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-9380RG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-9380RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2009 V2.0
1
SPS-9380RG / SPS-9380BRG / SPS-9380ARG
(RoHS Compliant)
3.3V / 1550 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Multirate up to 3.2 Gbps
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l SFF-8472 Digital Diagnostic Function
l 1550 nm DFB LD Transmitter
l APD High Sensitivity Receiver
l 26 dB Power Budget at Least
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-9380RG
l -10 to 85oC Operation: SPS-9380BRG
l -40 to 85oC Operation: SPS-9380ARG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l 10GBASE LX-4
l Serial ATA / ATA2
l SONET OC-48 / SDH STM-16
l SONET OC-12 / SDH STM-4
l SONET OC-3 / SDH STM-1
l Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPS-9380RG series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as 10GBASE LX-4,
Serial ATA/ATA2, SONET OC-48 / SDH STM-16,
Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre Channel.
It is with the SFP 20-pin connector to allow hot plug
capability. This module is designed for single mode fiber
and operates at a nominal wavelength of 1550 nm. A
guaranteed minimum optical link budget of
26 dB is
offered which can correspond to a link distance of over 80
km (assuming worst case fiber loss of 0.25 dB/km). The
transmitter section uses a multiple quantum well 1550 nm
DFB laser and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-9380RG
Multirate*
80
1550 DFB
LC SFP
0 to 70
3 to -2
-28
Yes
SPS-9380BRG
Multirate*
80
1550 DFB
LC SFP
-10 to 85
3 to -2
-28
Yes
SPS-9380ARG
Multirate*
80
1550 DFB
LC SFP
-40 to 85
3 to -2
-28
Yes
Multirate*: 3.185Gb/s, 3.125Gb/s, 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-9380RG
SPS-9380BRG
SPS-9380ARG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-9380RG
oC / SPS-9380BRG
oC / SPS-9380ARG
Power Supply Current
ICC (TX+RX)
230
300
mA
Data Rate
125
3125
3200
Mb/s


Similar Part No. - SPS-9380RG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380RG OPTOWAY-SPS-9380RG_15 Datasheet
166Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9380RG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9340R-CXX0G_2015 OPTOWAY-SPS-9340R-CXX0G_2015 Datasheet
157Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9120RG OPTOWAY-SPS-9120RG_15 Datasheet
153Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340R-CXX0G OPTOWAY-SPS-9340R-CXX0G_15 Datasheet
157Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9120RG_2015 OPTOWAY-SPS-9120RG_2015 Datasheet
153Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380R-CXX0G_2015 OPTOWAY-SPS-9380R-CXX0G_2015 Datasheet
170Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9105RG_2015 OPTOWAY-SPS-9105RG_2015 Datasheet
153Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RG OPTOWAY-SPS-9380RG_15 Datasheet
166Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9140RG_2015 OPTOWAY-SPS-9140RG_2015 Datasheet
191Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100RG_2015 OPTOWAY-SPS-93100RG_2015 Datasheet
154Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120RG_2015 OPTOWAY-SPS-93120RG_2015 Datasheet
166Kb / 5P
   3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com