Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6198L20D Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT6198L20D
Description  CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6198L20D Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT6198L20D Datasheet HTML 1Page - Integrated Device Technology IDT6198L20D Datasheet HTML 2Page - Integrated Device Technology IDT6198L20D Datasheet HTML 3Page - Integrated Device Technology IDT6198L20D Datasheet HTML 4Page - Integrated Device Technology IDT6198L20D Datasheet HTML 5Page - Integrated Device Technology IDT6198L20D Datasheet HTML 6Page - Integrated Device Technology IDT6198L20D Datasheet HTML 7Page - Integrated Device Technology IDT6198L20D Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6.3
5
IDT6198S/L
CMOS STATIC RAM 64K (16K x 4-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
6198S15
(1)
6198S20
6198S25
6198S35
6198S45/55
(2) 6198S70/85(2)
6198L15
(1)
6198L20
6198L25
6198L35
6198L45/55
(2) 6198L70/85(2)
Symbol
Parameter
Min. Max. Min. Max. Min.
Max. Min. Max. Min. Max. Min. Max. Unit
Read Cycle
tRC
Read Cycle Time
15
20
25
35
45/55
70/85
ns
tAA
Address Access Time
15
19
25
35
45/55
70/85
ns
tACS
Chip Select Access Time
15
20
25
35
45/55
70/85
ns
tCLZ
(3)
Chip Select to Output in Low-Z
5
5
5
5
5
5
ns
tOE
Output Enable to Output Valid
8
9
11
18
25/35
45/55
ns
tOLZ
(3)
Output Enable to Output in Low-Z
5
5
5
5
5
5
ns
tCHZ
(3)
Chip Select to Output in High-Z
2
7
2
8
2
10
2
14
15/20
25/30
ns
tOHZ
(3)
Output Disable to Output in High-Z
2
7
2
8
2
9
2
15
15/20
25/30
ns
tOH
Output Hold from Address Change
5
5
2
5
5
5
ns
tPU
(3)
Chip Select to Power Up Time
0
0
0
0
0
0
ns
tPD
(3)
Chip Deselect to Power Down Time
15
20
25
35
45/55
70/85
ns
NOTES:
2987 tbl 11
1. 0
° to +70°C temperature range only.
2. –55
°C to +125°C temperature range only.
3. This parameter is guaranteed by device characterization but is not production tested.
NOTES:
1.
WE is HIGH for Read cycle.
2. Device is continuously selected,
CS is LOW.
3. Address valid prior to or coincident with
CS transition LOW.
4.
OE is LOW.
5. Transition is measured
±200mV from steady state voltage.
ADDRESS
CS
DATAOUT
OE
2987 drw 07
tRC
tAA
tOH
tACS
tCLZ (5)
tCHZ (5)
tOE
tOLZ (5)
tOHZ (5)
DATA VALID
TIMING WAVEFORM OF READ CYCLE NO. 1
(1)


Similar Part No. - IDT6198L20D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6198L20D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com