Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70125S Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70125S
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125S Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70125S Datasheet HTML 1Page - Integrated Device Technology IDT70125S Datasheet HTML 2Page - Integrated Device Technology IDT70125S Datasheet HTML 3Page - Integrated Device Technology IDT70125S Datasheet HTML 4Page - Integrated Device Technology IDT70125S Datasheet HTML 5Page - Integrated Device Technology IDT70125S Datasheet HTML 6Page - Integrated Device Technology IDT70125S Datasheet HTML 7Page - Integrated Device Technology IDT70125S Datasheet HTML 8Page - Integrated Device Technology IDT70125S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
6.10
2
IDT 70121/70125S/L
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
COMMERCIAL TEMPERATURE RANGE
DESCRIPTION (Cont'd):
Fabricated using IDT’s CMOS high-performance
technology, these devices typically operate on only 500mW of
power. Low-power (L) versions offer battery backup data
PIN CONFIGURATIONS (1,2)
RECOMMENDED OPERATING TEMPERATURE
AND SUPPLY VOLTAGE
Grade
Ambient Temperature
GND
VCC
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2654 tbl 02
RECOMMENDED DC
OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5
5.5
V
GND
Supply Voltage
0
0
0.0
V
VIH
Input High Voltage
2.2
6.0(2)
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTES:
2654 tbl 03
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Unit
VTERM
(2)
Terminal Voltage
–0.5 to +7.0
V
with Respect to GND
TA
Operating
0 to +70
°C
Temperature
TBIAS
Temperature
–55 to +125
°C
Under Bias
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output
50
mA
Current
NOTES:
2654 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliabilty.
2. VTERM must not exceed Vcc + 0.5V for more than 25% of the cycle time or
10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc +
0.5V.
retention capability with each port typically consuming 200
µW
from a 2V battery.
The IDT70121/IDT70125 devices are packaged in a 52-pin
PLCC.
CAPACITANCE(1) (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
Condition
(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2654 tbl 13
NOTES:
1. All Vcc pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. This text does not indicate the orientation of the actual part-marking.
A9R
8
9
10
11
12
13
14
15
16
17
18
IDT70121/125
J52-1
19
A6L
A7L
A1L
A2L
A3L
A4L
A5L
A8L
I/O0L
I/O1L
I/O2L
I/O3L
46
45
44
43
42
41
40
39
38
37
36
35
A5R
A6R
A0R
A1R
A2R
A3R
A4R
A7R
A8R
I/O8R
I/O7R
INDEX
34
20
OER
A9L
2654 drw 02
PLCC
TOP VIEW(3)
NOTES:
1. This parameter is determined by device characterization but is not
production tested.
2. 3dV represents the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.


Similar Part No. - IDT70125S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125S IDT-IDT70125S Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125S IDT-IDT70125S Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT70125S25JG IDT-IDT70125S25JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125S25JGI IDT-IDT70125S25JGI Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125S35JG IDT-IDT70125S35JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com