Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT49C460AFF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT49C460AFF
Description  32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C460AFF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT49C460AFF Datasheet HTML 6Page - Integrated Device Technology IDT49C460AFF Datasheet HTML 7Page - Integrated Device Technology IDT49C460AFF Datasheet HTML 8Page - Integrated Device Technology IDT49C460AFF Datasheet HTML 9Page - Integrated Device Technology IDT49C460AFF Datasheet HTML 10Page - Integrated Device Technology IDT49C460AFF Datasheet HTML 11Page - Integrated Device Technology IDT49C460AFF Datasheet HTML 12Page - Integrated Device Technology IDT49C460AFF Datasheet HTML 13Page - Integrated Device Technology IDT49C460AFF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
11.6
10
IDT49C460/A/B/C/D/E
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Table 3 describes the operating modes available for the 64/
72 configuration.
Table 11 indicates the data bits participating in the check bit
generation. For example, check bit C0 is the exclusive-OR
function of the 32 data input bits marked with an X. Check bits
are generated and output in the Generate and Initialization
modes. Check bits are passed as stored in the PASSTHRU or
Diagnostic Generate modes.
Syndrome bits are generated by an exclusive-OR of the
generated check bits with the read check bits. For example,
Sn is the XOR of check bits Cn from those read with those
generated. Table 9 indicates the decoding of the 8 syndrome
bits to determine the bit in error for a single bit error or whether
a double or triple bit error was detected. The all zero case
indicates no errors detected.
In the Correct Mode, the syndrome bits are used to
complement (correct) single bit errors in the data bits. For
double or multiple error detection, the data available as input
to the Data Out Latch is not defined.
Tables 8A and 8B define the bit definition for the Diagnostic
Latch. As defined in Table 3, several modes will use the
Diagnostic Check Bits to determine syndrome bits or to pass
as check bits to the SC0–7 outputs. The Internal Mode sub-
stitutes the indicated bit position for the external control
signals.
Performance data is provided in Table 10, relating a single
IDT49C460 EDC with the two cascaded units of Figure 2. As
indicated, a summation of propagation delays is required from
the cascading arrangement of EDC units.
NOTES:
2584 tbl 08
1. * = No errors detected
2. Number = The number of the single bit-in-error
3. T = Two errors detected
4. M = Three or more errors detected
Table 7. Syndrome Decode to Bit-in-Error (32-Bit)
64-BIT DATA WORD CONFIGURATION
Two IDT49C460 EDC units, connected as shown in Figure
2, provide all the logic needed for single bit error detection and
double bit error detection of a 64-bit data field. Table 4 gives
the CODE ID1,0 values needed for distinguishing the upper 32
bits from the lower 32 bits. Valid syndrome, check bits and the
ERROR and MULT ERROR signals come from the IC with the
CODE ID1,0 = 11. Control signals not indicated are connected
to both units in parallel. The EDC with the CODE ID1,0 = 10
has the
OESC grounded. The OESC selects the syndrome bits
from the EDC with CODE ID1,0 = 11 and also controls the
check bit buffers from memory.
Data In bits 0 through 31 are connected to the same
numbered inputs of the EDC unit with CODE ID1,0 = 10, while
Data In bits 32 through 63 are connected to Data Inputs 0 to
31, respectively, for the EDC unit with CODE ID1,0 = 11.
Figure 4 indicates the 72-bit data format of 8 bytes of data
and 8 check bits. Check bits are input to the EDC unit with
CODE ID1,0 = 10 through a three-state buffer unit such as the
IDT74FCT244. Correction of single bit errors of the 64-bit
configuration requires a feedback of syndrome bits from the
upper EDC unit to the lower EDC unit. The MUX shown on the
functional block diagram is used to select the CB0–7 pins as
the syndrome bits rather than internally generated syndrome
bits.
2584 tbl 09
Table 8A. 64-Bit Diagnostic Latch–Coding Format
(Diagnostic and Correct Mode)
Bit
Internal Function
0CB0 DIAGNOSTIC
1CB1 DIAGNOSTIC
2CB2 DIAGNOSTIC
3CB3 DIAGNOSTIC
4CB4 DIAGNOSTIC
5CB5 DIAGNOSTIC
6CB6 DIAGNOSTIC
7CB7 DIAGNOSTIC
8
CODE ID0 LOWER 32-BIT
9
CODE ID1 LOWER 32-BIT
10
DIAG MODE0 LOWER 32-BIT
11
DIAG MODE1 LOWER 32-BIT
12
CORRECT LOWER 32-BIT
13–31
DON'T CARE
32–39
DON'T CARE
40
CODE ID0 UPPER 32-BIT
41
CODE ID1 UPPER 32-BIT
42
DIAG MODE0 UPPER 32-BIT
43
DIAG MODE1 UPPER 32-BIT
44
CORRECT UPPER 32-BIT
45–63
DON'T CARE
Hex
0
1
23
456
7
Syndrome
S6
0
0
00
111
1
Bits
S5
0
0
11
001
1
S4
0
1
01
010
1
Hex S3
S2
S1
S0
0
0
0
0
0
*
C4 C5
T
C6
T
T
30
1
0
0
0
1
C0
T
T
14
T
M
M
T
2
0
010
C1
T
T
M
T
2
24
T
3
0
011
T
18
8
T
M
T
T
M
4
0
1
0
0
C2
T
T
15
T
3
25
T
5
0
101
T
19
9
T
M
T
T
31
6
0
110
T
20
10
T
M
T
T
M
7
0
111
M
T
T
M
T
4
26
T
8
1
000
C3
T
T
M
T
5
27
T
9
1
001
T
21
11
T
M
T
T
M
A
1
010
T
22
12
T
1T
T
M
B
1
011
17
T
T
M
T
6
28
T
C
1
100
T
23
13
T
M
T
T
M
D
1
101
M
T
T
M
T
7
29
T
E
1
110
16
T
T
M
T
M
M
T
F
1
111
T
M
M
T
0T
T
M


Similar Part No. - IDT49C460AFF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465A IDT-IDT49C465A Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AG IDT-IDT49C465AG Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AGB IDT-IDT49C465AGB Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465APQF IDT-IDT49C465APQF Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C460AFF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com