Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6168SA45P Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT6168SA45P
Description  CMOS STATIC RAM 16K (4K x 4-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6168SA45P Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT6168SA45P Datasheet HTML 1Page - Integrated Device Technology IDT6168SA45P Datasheet HTML 2Page - Integrated Device Technology IDT6168SA45P Datasheet HTML 3Page - Integrated Device Technology IDT6168SA45P Datasheet HTML 4Page - Integrated Device Technology IDT6168SA45P Datasheet HTML 5Page - Integrated Device Technology IDT6168SA45P Datasheet HTML 6Page - Integrated Device Technology IDT6168SA45P Datasheet HTML 7Page - Integrated Device Technology IDT6168SA45P Datasheet HTML 8Page - Integrated Device Technology IDT6168SA45P Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
IDT6168SA/LA
CMOS Static RAM 16K (4K x 4-Bit)
Military, Industrial, and Co mmercial Temperature Ranges
Low VCC Data Retention Waveform
AC Test Conditions
Figure 1. AC Test Load
Figure 2. AC Test Load
(for tCHZ, tCLZ, tWHZ and tOW)
*Includes scope and jig capacitances
Data Retention Characteristics (LA Version Only)
VLC = 0.2V, VHC = VCC – 0.2V
3090 drw 03
VCC
CS
DATA
RETENTION
MODE
4.5V
4.5V
VDR
≥ 2V
VIH
VIH
tR
tCDR
VDR
,
3090 drw 04
480
30pF*
255
DATAOUT
5V
3090 drw 05
480
5pF*
255
DATAOUT
5V
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
AC Test Load
GND to 3.0V
5ns
1.5V
1.5V
See Figures 1 and 2
3090 tbl 11
NOTES:
1. TA = +25°C.
2. at VCC = 2V
3. at VCC = 3V
4. tRC = Read Cycle Time.
5. This parameter is guaranteed by device characterization, but is not production tested.
IDT6168LA
Symbol
Parameter
Test Condition
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
2.0
____
____
V
ICCDR
Data Retention Current
CS > VHC
VIN > VHC
or < VLC
MIL.
____
____
0.5
(2)
1.0(3)
100
(2)
150(3)
µA
COM'L.
____
____
0.5
(2)
1.0(3)
20
(2)
30(3)
µA
tCDR
(5)
Chip Deselect to Data
Retention Time
0
____
____
ns
tR
(5)
Operation Recovery Time
tRC
(4)
____
____
ns
3090 tbl 10


Similar Part No. - IDT6168SA45P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167 IDT-IDT6167 Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA IDT-IDT6167LA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100D IDT-IDT6167LA100D Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100DB IDT-IDT6167LA100DB Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100P IDT-IDT6167LA100P Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results

Similar Description - IDT6168SA45P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
   CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com