Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6178S25D Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT6178S25D
Description  CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6178S25D Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT6178S25D Datasheet HTML 1Page - Integrated Device Technology IDT6178S25D Datasheet HTML 2Page - Integrated Device Technology IDT6178S25D Datasheet HTML 3Page - Integrated Device Technology IDT6178S25D Datasheet HTML 4Page - Integrated Device Technology IDT6178S25D Datasheet HTML 5Page - Integrated Device Technology IDT6178S25D Datasheet HTML 6Page - Integrated Device Technology IDT6178S25D Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
11.1
6
IDT6178S
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
6178S10
(1)
6178S12
6178S15
6178S20/25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Write Cycle
tWC
Write Cycle Time
10
12
15
20
ns
tAW
Address Valid to End-of-Write
8
10
12
14
ns
tAS
Address Set-up Time
0
0
0
0
ns
tWP
Write Pulse Width
8
10
12
14
ns
tWR
Write Recovery Time
0
0
0
0
ns
tDW
Data Valid to End-of-Write
6
8
10
12
ns
tDH
Data Hold from Write Time
0
0
0
0
ns
tWHZ(2)
Write Enable to Output in High-Z
5
6
7
9
ns
tOW(2)
Output Active from End-of-Write
0
0
0
0
ns
NOTES:
2953 tbl 12
1. 0
°C to +70°C temperature range only.
2. This parameter guaranteed with AC load (Figure 3) by device characterization, but is not production tested.
TIMING WAVEFORM OF WRITE CYCLE(1,3)
NOTES:
1.
WE must be HIGH during all address transitions.
2. During this period, I/O pins are in the output state and the input signals must not be applied.
3.
OE is HIGH. If OE is LOW during a WE controlled write cycle, the write pulse width must be the greater of tWP or (tWHZ + tDW) to allow the I/O drivers to
turn off and data to be placed on the bus for the required tDW. If
OE is HIGH during a WE controlled write cycle, this requirement does not apply and the
write pulse is the specified tWP.
4. Transition is measured
±200mV from steady state.
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
6178S10
(1)
6178S12
6178S15
6178S20/25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Clear Cycle
tCLPW
(2)
CLR Pulse Width
12
15
20
25
ns
tCLRC
CLR HIGH to WE LOW
5—
5
5—
5—
ns
tPOCL
(3)
Power on Reset
50
60
80
100
ns
tWECL
WE HIGH to Clear HIGH
5
5
5
5
ns
NOTES:
2953 tbl 13
1. 0
°C to +70°C temperature range only.
2. Recommended duty cycle of 10% maximum.
3. This parameter guaranteed with AC load (Figure 3) by device characterization, but is not production tested.
ADDRESS
tWC
tAW
DATAOUT
DATAIN
WE
tAS
tWP
tWR
tWHZ
tOW
(4)
tDH
DATAIN VALID
tDW
(4)
(4)
(4)
2953 drw 10
(2)
(2)


Similar Part No. - IDT6178S25D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6178S25D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71216 IDT-IDT71216 Datasheet
154Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
logo
Motorola, Inc
MCM67T415 MOTOROLA-MCM67T415 Datasheet
98Kb / 3P
   16K x 15 Bit Cache Tag RAM for Pentium Processors
logo
UMC Corporation
UM61166 UMC-UM61166 Datasheet
488Kb / 8P
   4K x 16 CMOS CACHE RAM
logo
Renesas Technology Corp
IDT71215 RENESAS-IDT71215 Datasheet
322Kb / 17P
   BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Device Techn...
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
   BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com