Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT29FCT520CLB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT29FCT520CLB
Description  MULTILEVEL PIPELINE REGISTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT520CLB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT29FCT520CLB Datasheet HTML 1Page - Integrated Device Technology IDT29FCT520CLB Datasheet HTML 2Page - Integrated Device Technology IDT29FCT520CLB Datasheet HTML 3Page - Integrated Device Technology IDT29FCT520CLB Datasheet HTML 4Page - Integrated Device Technology IDT29FCT520CLB Datasheet HTML 5Page - Integrated Device Technology IDT29FCT520CLB Datasheet HTML 6Page - Integrated Device Technology IDT29FCT520CLB Datasheet HTML 7Page - Integrated Device Technology IDT29FCT520CLB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7.2
3
IDT29FCT520A/B/C
MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
A1
A2
B1
B2
A1
A2
B1
B2
I = 2
I = 1
A1
A2
B1
B2
I = 0
DUAL 2-LEVEL
SINGLE 4-LEVEL
Figure 1. Data Loading in 2-Level Operation
NOTE:
1. I = 3 for hold.
2620 drw 03
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol Parameter
(1)
Conditions Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance VOUT = 0V
8
12
pF
NOTE:
2620 tbl 04
1. This parameter is measured at characterization data but not tested.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
VTERM
(3) Terminal Voltage
–0.5 to VCC
–0.5 to VCC
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
NOTES:
2620 tbl 03
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage
may exceed VCC by +0.5V unless otherwise noted.
2. Inputs and VCC terminals.
3. Outputs and I/O terminals.


Similar Part No. - IDT29FCT520CLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT520CT IDT-IDT29FCT520CT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
More results

Similar Description - IDT29FCT520CLB

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
LOGIC Devices Incorpora...
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
   Dual Pipeline Register
logo
Texas Instruments
CY29FCT520T TI-CY29FCT520T Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com