Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70125S35J Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70125S35J
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125S35J Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70125S35J Datasheet HTML 3Page - Integrated Device Technology IDT70125S35J Datasheet HTML 4Page - Integrated Device Technology IDT70125S35J Datasheet HTML 5Page - Integrated Device Technology IDT70125S35J Datasheet HTML 6Page - Integrated Device Technology IDT70125S35J Datasheet HTML 7Page - Integrated Device Technology IDT70125S35J Datasheet HTML 8Page - Integrated Device Technology IDT70125S35J Datasheet HTML 9Page - Integrated Device Technology IDT70125S35J Datasheet HTML 10Page - Integrated Device Technology IDT70125S35J Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6.10
7
IDT 70121/70125S/L
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
COMMERCIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(6)
70121X25
70121X35
70121X45
70121X55
70125X25
70125X35
70125X45
70125X55
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max. Unit
Busy Timing (For Master IDT70121 Only)
tBAA
BUSY Access Time from Address
20
20
20
30
ns
tBDA
BUSY Disable Time from Address
20
20
20
30
ns
tBAC
BUSY Access Time from Chip Enable
20
20
20
30
ns
tBDC
BUSY Disable Time from Chip Enable
20
20
20
30
ns
tWDD
Write Pulse to Data Delay
(1)
—50—
60
—70—80
ns
tDDD
Write Data Valid to Read Data Delay
(1)
—35—
45
—55—65
ns
tAPS
Arbitration Priority Set-up Time
(2)
5—
5
5—
5—
ns
tBDD
BUSY Disable to Valid Data(3)
—30—
30
—35—45
ns
tWH
Write Hold After
BUSY(5)
15
20
20
20
ns
Busy Timing (For Slave IDT70125 Only)
tWB
Write to
BUSY Input(4)
0—
0
0—
0—
ns
tWH
Write Hold After
BUSY
(5)
15
20
20
20
ns
tWDD
Write Pulse to Data Delay
(1)
—50—
60
—70—80
ns
tDDD
Write Data Valid to Read Data Delay
(1)
—35—
45
—55—65
ns
NOTES:
2654 tbl 10
1. Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write with Port-to-Port Read and
BUSY“.
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual), or tDDD – tDW (actual).
4. To ensure that a write cycle is inhibited on port 'B' during contention on port 'A'..
5. To ensure that a write cycle is completed on port 'B' after contention on port 'A'.
6. “X” in part numbers indicates power rating (S or L).
NOTES:
1. R/
W or CE must be High during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a
CE = VIL and a R/W = VIL
3. tWR is measured from the earlier of
CE or R/W going High to the end of the write cycle.
4. During this period, the I/O pins are in the output state and input signals must not be applied.
5. If the
CE Low transition occurs simultaneously with or after the R/W Low transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal (
CE or R/W) is asserted last.
7. This parameter is determined be device characterization, but is not production tested. Transition is measured +/- 500mV from steady state
with the Output Test Load (Figure 2).
8. If
OE is low during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off
data to be placed on the bus for the required tDW. If
OE is High during a R/W controlled write cycle, this requirement does not apply and the
write pulse can be as short as the specified tWP.
TIMING WAVEFORM OF WRITE CYCLE NO. 2,
CE
CE
CE
CE
CE CONTROLLED TIMING(1,5)
CE
tWC
tAS
tWR
tDW
tDH
ADDRESS
DATAIN
R/
W
tAW
tEW
2654 drw 08
(6)
(2)
(3)


Similar Part No. - IDT70125S35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125S35JG IDT-IDT70125S35JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125S35JGI IDT-IDT70125S35JGI Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125S35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com