Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70824L Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70824L
Description  HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70824L Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70824L Datasheet HTML 2Page - Integrated Device Technology IDT70824L Datasheet HTML 3Page - Integrated Device Technology IDT70824L Datasheet HTML 4Page - Integrated Device Technology IDT70824L Datasheet HTML 5Page - Integrated Device Technology IDT70824L Datasheet HTML 6Page - Integrated Device Technology IDT70824L Datasheet HTML 7Page - Integrated Device Technology IDT70824L Datasheet HTML 8Page - Integrated Device Technology IDT70824L Datasheet HTML 9Page - Integrated Device Technology IDT70824L Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
IDT70824S/L
High-Speed 4K x 16 Sequential Access Random Access Memory
Military and Commercial Temperature Ranges
Data Retention PowerDown/Up Waveform(Random and Sequential Port)(1,2)
Figure 3.
Lumped Capacitance Load Typical Derating Curve
AC Test Conditions
Figure 1. AC Output Test Load
Figure 2. Output Test Load (for tCLZ, tBLZ, tOLZ, tCHZ, tBHZ,
tOHZ,tWHZ, tCKHZ, and tCKLZ)
(*Including scope and jig.)
NOTES :
1.
SCE is synchronized to the sequential clock input.
2.
CMD > VCC - 0.2V.
DATA RETENTION MODE
VCC
CE
3099 drw 04
4.5V
tCDR
tR
VDR
VIH
4.5V
VDR
2V
SCLK
SCE
VIH
ICC
ISB
tPD
ISB
tPU
3099 drw 06
893
30pF
347
5V
DATAOUT
893
5pF*
347
5V
DATAOUT
3099 drw 05
1
2
3
4
5
6
7
8
20 40 60 80 100 120 140 160 180 200
CAPACITANCE (pF)
10pF is the I/O
capacitance of
this device, and
30pF is the AC
Test Load
capacitance.
3099 drw 07
tAA/tCD/tEB
(Typical, ns)
-1
-2
-3
,
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1,2 and 3
3099 tbl 10


Similar Part No. - IDT70824L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70824L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com