Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70825S Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70825S
Description  HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70825S Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70825S Datasheet HTML 1Page - Integrated Device Technology IDT70825S Datasheet HTML 2Page - Integrated Device Technology IDT70825S Datasheet HTML 3Page - Integrated Device Technology IDT70825S Datasheet HTML 4Page - Integrated Device Technology IDT70825S Datasheet HTML 5Page - Integrated Device Technology IDT70825S Datasheet HTML 6Page - Integrated Device Technology IDT70825S Datasheet HTML 7Page - Integrated Device Technology IDT70825S Datasheet HTML 8Page - Integrated Device Technology IDT70825S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OCTOBER 1996
©1996 Integrated Device Technology, Inc.
DSC-3016/6
HIGH-SPEED 8K x 16
SEQUENTIAL ACCESS
RANDOM ACCESS MEMORY (SARAM™)
FEATURES:
• 8K x 16 Sequential Access Random Access Memory
(SARAM)
- Sequential Access from one port and standard Random
Access from the other port
- Separate upper-byte and lower-byte control of the
Random Access Port
• High-speed operation
- 20ns tAA for random access port
- 20ns tCD for sequential port
- 25ns clock cycle time
• Architecture based on Dual-Port RAM cells
• Electrostatic discharge > 2001V, Class II
• Compatible with Intel BMIC and 82430 PCI Set
• Width and Depth Expandable
• Sequential side
- Address based flags for buffer control
- Pointer logic supports two internal buffers
• Battery backup operation—2V data retention
• TTL-compatible, single 5V (
±10%) power supply
• Available in 80-pin TQFP and 84-pin PGA
• Military product compliant to MIL-STD-883.
• Industrial temperature range (–40
°C to +85°C) is available,
tested to military electrical specifications.
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The IDT70825 is a high-speed 8K x 16-bit Sequential
Access Random Access Memory (SARAM). The SARAM
offers a single-chip solution to buffer data sequentially on one
port, and be accessed randomly (asynchronously) through
the other port. The device has a Dual-Port RAM based
architecture with a standard SRAM interface for the random
(asynchronous) access port, and a clocked interface with
counter sequencing for the sequential (synchronous) access
port.
Fabricated using CMOS high-performance technology,
this memory device typically operates on less than 900mW of
power at maximum high-speed clock-to-data and Random
Access. An automatic power down feature, controlled by
CE,
permits the on-chip circuitry of each port to enter a very low
standby power mode.
The IDT70825 is packaged in a 80-pin Thin Plastic Quad
Flatpack (TQFP) or 84-pin Ceramic Pin Grid Array (PGA).
Military grade product is manufactured in compliance with the
latest revision of MIL-STD-883, Class B, making it ideally
suited to military temperature applications demanding the
highest level of performance and reliability.
IDT70825S
/L
The IDT logo is a registered trademark and SARAM is a trademark of Integrated Device Technology, Inc.
6.31
1
Random
Access
Port
Controls
Sequential
Access
Port
Controls
8K X 16
Memory
Array
DataL
DataR
AddrL
AddrR
I/O0-15
SI/O0-15
Pointer/
Counter
13
Start Address for Buffer #1
End Address for Buffer #1
Start Address for Buffer #2
End Address for Buffer #2
Flow Control Buffer
Flag Status
1
2
13
13
13
16
13
13
RST
COMPARATOR
A0-12
13
R/
LSB
MSB
16
SCLK
2
SR/
1
16
13
3016 drw 01
Reg.
For latest information contact IDT’s web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT70825S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824L IDT-IDT70824L Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20G IDT-IDT70824L20G Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GB IDT-IDT70824L20GB Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GI IDT-IDT70824L20GI Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20PF IDT-IDT70824L20PF Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70825S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824S IDT-IDT70824S Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com