Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70824S35G Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70824S35G
Description  HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70824S35G Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70824S35G Datasheet HTML 5Page - Integrated Device Technology IDT70824S35G Datasheet HTML 6Page - Integrated Device Technology IDT70824S35G Datasheet HTML 7Page - Integrated Device Technology IDT70824S35G Datasheet HTML 8Page - Integrated Device Technology IDT70824S35G Datasheet HTML 9Page - Integrated Device Technology IDT70824S35G Datasheet HTML 10Page - Integrated Device Technology IDT70824S35G Datasheet HTML 11Page - Integrated Device Technology IDT70824S35G Datasheet HTML 12Page - Integrated Device Technology IDT70824S35G Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
6.42
IDT70824S/L
High-Speed 4K x 16 Sequential Access Random Access Memory
Military and Commercial Temperature Ranges
9
Case 5: Buffer Flow Modes
WithintheSARAM,theusercandesignateoneoftwobufferflowmodes
for each buffer. Each buffer flow mode defines a unique set of actions for
the sequential port address pointer and
EOB flags.InBUFFERCHAIN-
ING mode, after the address pointer reaches the end of the buffer, it sets
the corresponding
EOB flag and continues from the start address of the
otherbuffer.InSTOPmode,theaddresspointerstopsincrementingafter
itreachestheendofthebuffer.Thereisnolinearormaskmodeavailable.
Cases 1 through 4: Start and End of Buffer Register Description(1,2)
alsoallowsreadingandclearingthestatusofthe
EOBflags.Sevendifferent
CMD cases are available depending on the conditions of A0-A2 and R/
W. Address bits A3-A11and data I/O bits I/O12-I/O15are not used during
thisoperation.
Reset (RST)
Setting
RSTLOWresetsthecontrolstateoftheSARAM.RSTfunctions
asynchronously of SCLK (i.e. not registered). The default states after a
reset operation are displayed in the adjacent chart.
NOTE:
1. Start address and End of address for Buffer #2 and the Flow Control for
both Buffer #1 and #2, must be programmed as described in the "Buffer
Command Mode" section.
Buffer Command Mode (CMD)
Buffer Command Mode (
CMD) allows the random access port to
control the state of the two buffers. Address pins A0-A2 and I/O pins I/O0-
I/O11 areusedtoaccessthestartofbufferandtheendofbufferaddresses
andtosettheflowcontrolmodeofeachbuffer.TheBufferCommandMode
Random Access Port CMD Mode(1)
NOTES:
1. "H" = VOH for I/O in the output state and "Don't Cares" for I/O in the input state. "L" = VIL for I/O in the input state.
2. A write into the buffer occurs when R/
W = VIL and a read when R/W = VIH. EOB1/SOB1 and EOB2/SOB2 are chosen through address A0-A2 while CMD = VIL and
CE = VIH.
NOTE:
1. R/
W input "0(1)" indicates a write(0) or read(1) occurring with the same address input.
Register
Contents
Address
0
EOB Flags
Cleared to HIGH state
Buffer Flow Mode
BUFFER CHAINING
Start Address Buffer #1
0 (1)
End Address Buffer #1
4095 (4K)
Start Address Buffer #2
(1)
Cleared (set at invalid points)
End Address Buffer #2(1)
Cleared (set at invalid points)
Registered State
SCE = VIH, SR/W = VIL
3099 tbl 15
Case #
A2-A0
R/
W
DESCRIPTIONS
1
000
0 (1)
Write (read) the start address of Buffer #1 through I/O0-I/O11.
2
001
0 (1)
Write (read) the end address of Buffer #1 through I/O0-I/O11.
3
010
0 (1)
Write (read) the start address of Buffer #2 through I/O0-I/O11.
4
011
0 (1)
Write (read) the end address of Buffer #2 through I/O0-I/O11.
5
100
0 (1)
Write (read) flow control register.
6
101
0
Write only - clear
EOB1 and/or EOB2 flag.
7
101
1
Read only - flag status register.
8
110/111
(X)
(Reserved)
3099 tbl 16
15
MSB
LSB I/O BITS
3099 drw 10
H
H
11 --------------------------------------------------------------------------------------------------
Address Loaded into Buffer
0
14
13
H
L
12


Similar Part No. - IDT70824S35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70824S35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com