Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7005S70G Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7005S70G
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7005S70G Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7005S70G Datasheet HTML 2Page - Integrated Device Technology IDT7005S70G Datasheet HTML 3Page - Integrated Device Technology IDT7005S70G Datasheet HTML 4Page - Integrated Device Technology IDT7005S70G Datasheet HTML 5Page - Integrated Device Technology IDT7005S70G Datasheet HTML 6Page - Integrated Device Technology IDT7005S70G Datasheet HTML 7Page - Integrated Device Technology IDT7005S70G Datasheet HTML 8Page - Integrated Device Technology IDT7005S70G Datasheet HTML 9Page - Integrated Device Technology IDT7005S70G Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6.06
6
IDT7005S/L
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1)(Cont'd.) (VCC = 5.0V
± 10%)
7005X35
7005X55
7005X70
Test
Mil. Only
Symbol
Parameter
Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max. Typ.
(2)
Max. Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
MIL.
S
150
300
150
300
140
300
mA
Current
SEM = VIH
L
140
250
140
250
130
250
(Both Ports Active)
f = fMAX
(3)
COM’L.
S
150
250
150
250
L
140
210
140
210
ISB1
Standby Current
CEL = CER = VIH
MIL.
S
13
80
13
80
10
80
mA
(Both Ports — TTL
SEMR = SEML = VIH
L
10
65
10
651065
Level Inputs)
f = fMAX
(3)
COM’L.
S
13
60
13
60
L10
50
10
50
ISB2
Standby Current
CE"A"=VIL and CE"B"=VIL(5) MIL.
S
85
190
85
190
80
190
mA
(One Port — TTL
Active Port Outputs Open
L
75
160
75
160
70
160
Level Inputs)
f = fMAX
(3)
COM’L.
S
85
155
85
155
SEMR = SEML = VIH
L
75
130
75
130
ISB3
Full Standby Current
Both Ports
CEL and
MIL.
S
1.0
30
1.0
30
1.0
30
mA
(Both Ports — All
CER > VCC - 0.2V
L
0.2
10
0.2
10
0.2
10
CMOS Level Inputs)
VIN > VCC - 0.2V or
COM’L.
S
1.0
15
1.0
15
VIN < 0.2V, f = 0
(4)
L
0.2
5
0.2
5
SEMR = SEML > VCC - 0.2V
ISB4
Full Standby Current
One Port
CE"A" < 0.2V
MIL.
S
80
175
80
175
75
175
mA
(One Port — All
CE"B" > VCC - 0.2V(5)
CMOS Level Inputs)
SEMR = SEML > VCC - 0.2V
L
70
150
70
150
65
150
VIN > VCC - 0.2V or
COM’L.
S
80
135
80
135
VIN < 0.2V
Active Port Outputs Open,
L
70
110
80
110
f = fMAX
(3)
NOTES:
2738 tbl 10
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25
°C and are not production tested. ICC DC = 120mA (typ.)
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the port opposite port "A".
DATA RETENTION MODE
VCC
CE
2738 drw 05
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
VDR
2V
DATA RETENTION WAVEFORM
DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES (L Version Only)
(VLC = 0.2V, VHC = VCC - 0.2V)
(4)
Symbol
Parameter
Test Condition
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
V
ICCDR
Data Retention Current
CE > VHC
MIL.
100
4000
µA
VIN > VHC or
≤ VLC
COM’L.
100
1500
tCDR
(3)
Chip Deselect to Data Retention Time
SEM > VHC
0—
ns
tR
(3)
Operation Recovery Time
tRC
(2)
——
ns
NOTES:
2738 tbl 11
1. TA = +25
°C, VCC = 2V, and are not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed by device characteriation, but is not production tested.


Similar Part No. - IDT7005S70G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7005S70G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com