Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7026S20GB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7026S20GB
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7026S20GB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7026S20GB Datasheet HTML 1Page - Integrated Device Technology IDT7026S20GB Datasheet HTML 2Page - Integrated Device Technology IDT7026S20GB Datasheet HTML 3Page - Integrated Device Technology IDT7026S20GB Datasheet HTML 4Page - Integrated Device Technology IDT7026S20GB Datasheet HTML 5Page - Integrated Device Technology IDT7026S20GB Datasheet HTML 6Page - Integrated Device Technology IDT7026S20GB Datasheet HTML 7Page - Integrated Device Technology IDT7026S20GB Datasheet HTML 8Page - Integrated Device Technology IDT7026S20GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6.17
4
IDT7026S/L
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
RECOMMENDED DC OPERATING
CONDTIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
6.0
(2)
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTES:
2939 tbl 06
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.
CAPACITANCE(1) (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
Conditions
(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dv
9
pF
COUT
Output
VOUT = 3dv
10
pF
Capacitance
NOTES:
2939 tbl 07
1. This parameter is determined by device characterization but is not
production tested.
2. 3dV represents the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2)
Terminal Voltage –0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTES:
2939 tbl 05
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 0.5V for more than 25% of the cycle time
or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc
+ 0.5V.
TRUTH TABLE I – NON-CONTENTION READ/WRITE CONTROL
Inputs
(1)
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
UB
UB
UB
UB
UB
LB
LB
LB
LB
LB
SEM
SEM
SEM
SEM
SEM
I/O8-15
I/O0-7
Mode
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power-Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
L
L
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
L
L
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
L
L
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
L
H
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
L
H
L
H
L
H
High-Z
DATAOUT Read Lower Byte Only
L
H
L
L
L
H
DATAOUT DATAOUT Read Both Bytes
X
X
H
X
X
X
High-Z
High-Z
Outputs Disabled
NOTE:
2939 tbl 03
1. A0L — A13L
≠ A0R — A13R.
TRUTH TABLE II – SEMAPHORE READ/WRITE CONTROL
(1)
Inputs
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
UB
UB
UB
UB
UB
LB
LB
LB
LB
LB
SEM
SEM
SEM
SEM
SEM
I/O8-15
I/O0-7
Mode
H
H
L
X
X
L
DATAOUT DATAOUT Read Data in Semaphore Flag
X
H
L
H
H
L
DATAOUT DATAOUT Read Data in Semaphore Flag
H
X
X
X
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
X
X
H
H
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
L
X
X
L
X
L
Not Allowed
L
X
X
X
L
L
Not Allowed
2939 tbl 04
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O15). These eight semaphores are addressed by A0 - A2.


Similar Part No. - IDT7026S20GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7026S20GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com