Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6198L70L Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT6198L70L
Description  CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6198L70L Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT6198L70L Datasheet HTML 1Page - Integrated Device Technology IDT6198L70L Datasheet HTML 2Page - Integrated Device Technology IDT6198L70L Datasheet HTML 3Page - Integrated Device Technology IDT6198L70L Datasheet HTML 4Page - Integrated Device Technology IDT6198L70L Datasheet HTML 5Page - Integrated Device Technology IDT6198L70L Datasheet HTML 6Page - Integrated Device Technology IDT6198L70L Datasheet HTML 7Page - Integrated Device Technology IDT6198L70L Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6.3
2
IDT6198S/L
CMOS STATIC RAM 64K (16K x 4-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
DIP/SOJ
TOP VIEW
5
6
7
8
9
10
11
L28-2
26
25
24
23
13 14 15 16 17
32
1
28 27
INDEX
A5
A6
A13
A12
CS
12
22
21
A3
A4
2987 drw 03
A7
A8
20
19
18
A11
4
A2
A1
NC
A10
A9
I/O3
I/O2
I/O1
LCC
TOP VIEW
PIN DESCRIPTIONS
Name
Description
A0–A13
Address Inputs
CS
Chip Select
WE
Write Enable
OE
Output Enable
I/O0I/O3
Data Input/Output
VCC
Power
GND
Ground
2987 tbl 01
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Com’l.
Mil.
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output
50
50
mA
Current
NOTE:
2987 tbl 03
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
7
pF
CI/O
I/O Capacitance
VOUT = 0V
7
pF
NOTE:
2987 tbl 04
1. This parameter is determined by device characterization, but is not
production tested.
TRUTH TABLE
(1)
Mode
CS
CS
WE
WE
OE
OE
I/O
Power
Standby
H
X
X
High-Z
Standby
Read
L
H
L
DATAOUT
Active
Write
L
L
X
DATAIN
Active
Read
L
H
H
High-Z
Active
NOTE:
2987 tbl 02
1. H = VIH, L = VIL, X = Don't Care
2987 drw 02
5
6
7
8
9
10
11
12
1
2
3
4
24
23
22
21
20
19
18
17
D24-1
&
SO24-4
A0
A1
A2
A3
A4
A5
A6
A7
VCC
A13
A11
A10
I/O 3
16
15
GND
I/O 2
I/O 1
I/O 0
CS
14
13
A12
NC
WE
A8
A9
OE


Similar Part No. - IDT6198L70L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6198L70L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com