Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7027L20PFB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7027L20PFB
Description  HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7027L20PFB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7027L20PFB Datasheet HTML 3Page - Integrated Device Technology IDT7027L20PFB Datasheet HTML 4Page - Integrated Device Technology IDT7027L20PFB Datasheet HTML 5Page - Integrated Device Technology IDT7027L20PFB Datasheet HTML 6Page - Integrated Device Technology IDT7027L20PFB Datasheet HTML 7Page - Integrated Device Technology IDT7027L20PFB Datasheet HTML 8Page - Integrated Device Technology IDT7027L20PFB Datasheet HTML 9Page - Integrated Device Technology IDT7027L20PFB Datasheet HTML 10Page - Integrated Device Technology IDT7027L20PFB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6.42
IDT7027S/L
High-Speed 32K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
7
AC Test Conditions
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Ranges(4,6)
NOTES:.
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE= VIH and SEM = VIL.
4. 'X' in part numbers indicates power rating (S or L).
5. Refer to Chip Enable Truth Table.
6. Industrial temperature: for other speeds, packages and powers contact your sales office.
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and jig.
dInput Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1 and 2
3199 tbl 11
3199 drw 04
893
30pF
347
5V
DATAOUT
BUSY
INT
893
5pF*
347
5V
DATAOUT
7027X20
Com'l Only
7027X25
Com'l, Ind.
& Military
7027X35
Com'l &
Military
7027X55
Com'l &
Military
Symbol
Parameter
Min.Max.Min.
Max.Min.
Max.Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
55
____
ns
tAA
Address Access Time
____
20
____
25
____
35
____
55
ns
tACE
Chip Enable Access Time
(3)
____
20
____
25
____
35
____
55
ns
tABE
Byte Enable Access Time
(3)
____
20
____
25
____
35
____
55
ns
tAOE
Output Enable Access Time
____
12
____
13
____
20
____
30
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time
(1,2)
3
____
3
____
3
____
3
____
ns
tHZ
Output High-Z Time
(1,2)
____
12
____
15
____
15
____
25
ns
tPU
Chip Enable to Power Up Time
(2,5)
0
____
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2,5)
____
20
____
25
____
35
____
50
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
____
12
____
15
____
15
____
ns
tSAA
Semaphore Address Access Time
____
20
____
25
____
35
____
55
ns
3199 tbl 12


Similar Part No. - IDT7027L20PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027L IDT-IDT7027L Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7027L20PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com