Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70825S45G Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70825S45G
Description  HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70825S45G Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70825S45G Datasheet HTML 6Page - Integrated Device Technology IDT70825S45G Datasheet HTML 7Page - Integrated Device Technology IDT70825S45G Datasheet HTML 8Page - Integrated Device Technology IDT70825S45G Datasheet HTML 9Page - Integrated Device Technology IDT70825S45G Datasheet HTML 10Page - Integrated Device Technology IDT70825S45G Datasheet HTML 11Page - Integrated Device Technology IDT70825S45G Datasheet HTML 12Page - Integrated Device Technology IDT70825S45G Datasheet HTML 13Page - Integrated Device Technology IDT70825S45G Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
6.31
10
IDT70825S/L
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Flag Status Bit 0, (Bit 1)
Functional Description
0
Clears Buffer Flag
EOB1, (EOB2).
1
No change to the Buffer Flag.(2)
NOTES:
3016 tbl 18
1. Either bit 0 or bit 1, or both bits, may be changed simultaneously. One may be cleared while the second is left alone or cleared.
2. Remains as it was prior to the
CMD operation, either HIGH (1) or LOW (0).
End of buffer flag for Buffer #1
End of buffer flag for Buffer #2
15
0
MSB
H
H
H
H
HH
H
H
HH
H
H
H
1
0
LSB I/O BITS
H
3016 drw 12
NOTE:
1. "H" = VOH for I/O in the output state and "Don't Cares" for I/O in the input state.
Buffer #1 flow control
Buffer #2 flow control
Counter Release
(STOP Mode Only)
15
MSB
LSB I/O BITS
0
H
HH
H
H
HH
4
3
2
1
0
HH
H
H
3016 drw 11
FLOW CONTROL REGISTER DESCRIPTION(1,2)
CASES 6 AND 7: FLAG STATUS REGISTER BIT DESCRIPTION(1)
3016 tbl 17
FLOW CONTROL BITS
Flow Control Bits
Bit 1 & Bit 0
Mode
(Bit 3 & Bit 2)
Functional Description
00
BUFFER
EOB1 (EOB2) is asserted (Active Low output) when the pointer matches the end address of Buffer
CHAINING
#1 (Buffer #2). The pointer value is changed to the start address of Buffer #2 (Buffer #1).(1,3)
01
STOP
EOB1 (EOB2) is asserted when the pointer matches the end address of Buffer #1 (Buffer #2).
The address pointer will stop incrementing when it reaches the next address (
EOB address + 1), if
CNTEN is Low on the next clock's rising edge. Otherwise, the address pointer will stop incrementing on
EOB. Sequential write operations are inhibited after the address pointer is stopped. The pointer can be
released by bit 4 of the flow control register. (1,2,4)
10
LINEAR
EOB1 (EOB2) is asserted when the pointer matches the end address of Buffer #1 (Buffer #2).
The pointer keeps incrementing for further operations.(1)
11
MASK
EOB1 (EOB2) is not asserted when the pointer reaches the end address of Buffer #1 (Buffer #2),
although the flag status bits will be set. The pointer keeps incrementing for further operations.
NOTES:
1.
EOB1 and EOB2 may be asserted (set) at the same time, if both end addresses have been loaded with the same value.
2.
CMD Flow Control bits are unchanged, the count does not continue advancement.
3. If
EOB1 and EOB2 are equal, then the pointer will jump to the start of Buffer #1.
4. If counter has stopped at EOBx and was released by bit 4 of the flow control register,
CNTEN must be LOW on the next rising edge of SCLK otherwise
the flow control will remain in the STOP mode.
CASE 6: FLAG STATUS REGISTER WRITE CONDITIONS(1)
3016 tbl 19
Flag Status Bit 0, (Bit 1) Functional Description
0
EOB1 (EOB2) flag has not been set, the
Pointer has not reached the End of the
Buffer.
1
EOB1 (EOB2) flag has been set, the
Pointer has reached the End of the Buffer.
CASE 7: FLAG STATUS REGISTER READ CONDITIONS
NOTES:
1. "H" = VOH for I/O in the output state and "Don't Cares"' for I/O in the input state.
2. Writing a 0 into bit 4 releases the address pointer after it is stopped due to the STOP mode and allows sequential write operations to resume. This occurs
asynchronously of SCLK, and therefore caution should be taken. The pointer will be at address EOB+2 on the next rising edge of SCLK that is enabled
by
CNTEN. The pointer is also released by RST, SLD, SSTRT1 and SSTRT2 operations.


Similar Part No. - IDT70825S45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824L IDT-IDT70824L Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20G IDT-IDT70824L20G Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GB IDT-IDT70824L20GB Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GI IDT-IDT70824L20GI Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20PF IDT-IDT70824L20PF Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70825S45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824S IDT-IDT70824S Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com