Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7016L20G Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7016L20G
Description  HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016L20G Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7016L20G Datasheet HTML 3Page - Integrated Device Technology IDT7016L20G Datasheet HTML 4Page - Integrated Device Technology IDT7016L20G Datasheet HTML 5Page - Integrated Device Technology IDT7016L20G Datasheet HTML 6Page - Integrated Device Technology IDT7016L20G Datasheet HTML 7Page - Integrated Device Technology IDT7016L20G Datasheet HTML 8Page - Integrated Device Technology IDT7016L20G Datasheet HTML 9Page - Integrated Device Technology IDT7016L20G Datasheet HTML 10Page - Integrated Device Technology IDT7016L20G Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IDT7016S/L
HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.13
7
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(4)
IDT7016X12
IDT7016X15
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
12
15
ns
tAA
Address Access Time
12
15
ns
tACE
Chip Enable Access Time
(3)
—12
15
ns
tAOE
Output Enable Access Time
8
10
ns
tOH
Output Hold from Address Change
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3—
3
ns
tHZ
Output High-Z Time
(1, 2)
—10
10
ns
tPU
Chip Enable to Power Up Time
(2)
0—
0
ns
tPD
Chip Disable to Power Down Time
(2)
—12
15
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
10
ns
tSAA
Semaphore Address Access Time
12
15
ns
IDT7016X20
IDT7016X25
IDT7016X35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
25
35
ns
tAA
Address Access Time
20
25
35
ns
tACE
Chip Enable Access Time
(3)
—20—25
—35
ns
tAOE
Output Enable Access Time
12
13
20
ns
tOH
Output Hold from Address Change
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3—
3—
3—
ns
tHZ
Output High-Z Time
(1, 2)
—12—15
—20
ns
tPU
Chip Enable to Power Up Time
(2)
0—
0—
0—
ns
tPD
Chip Disable to Power Down Time
(2)
—20—25
—35
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
10—10
—15—
ns
tSAA
Semaphore Address Access Time
20
25
35
ns
NOTES:
3190 tbl 11
1. Transition is measured
±200mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization but not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. "X" in part numbers indicates power rating (S or L).


Similar Part No. - IDT7016L20G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016L20GG IDT-IDT7016L20GG Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L20GGB IDT-IDT7016L20GGB Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L20GGI IDT-IDT7016L20GGI Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016L20G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com