Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-33120-CXX0G_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-33120-CXX0G_2015
Description  155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-33120-CXX0G_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-33120-CXX0G_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-33120-CXX0G_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-33120-CXX0G_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-33120-CXX0G_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-33120-CXX0G_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-33120-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V3.0
1
SPS-33120-CXX0G / SPS-33120B-CXX0G
(RoHS Compliant)
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with SONET OC-3 LR / SDH STM-1
l 18 Wavelength (λ): 1270 nm to 1610 nm CWDM DFB
LD Transmitter
l 34 dB Power Budget at Least
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-33120-CXX0G
l -5 to 85oC Operation: SPS-33120B-CXX0G
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l Fast Ethernet Applications
DESCRIPTION
The SPS-33120-CXX0G series single mode transceivers is
small form factor pluggable module for bi-directional
serial optical data communications such as SONET OC-3 /
SDH STM-1 and Fast Ethernet. It is with the SFP 20-pin
connector to allow hot plug capability. This module is
designed for single mode fiber and operates at a nominal
wavelength of CWDM. There are eighteen center
wavelengths available from 1270 nm to 1610 nm, with
each step 20 nm. A guaranteed minimum optical link
budget of 34 dB is offered The transmitter section uses a
multiple quantum well CWDM DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated
InGaAs detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Power
Budget
(dB)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-33120-CXX0G
125 / 155
> 34
CWDM*
LC SFP
0 to 70
5 to 0
-34
Yes
SPS-33120B-CXX0G
125 / 155
> 34
CWDM*
LC SFP
-5 to 85
5 to 0
-34
Yes
CWDM* Wavelength (0 to 70
oC)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Clasp Color
Code
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Clasp Color
Code
-C270
1264.5
1270
1277.5
Light Purple
-C450
1444.5
1450
1457.5
Yellow Orange
-C290
1284.5
1290
1297.5
Sky Blue
-C470
1464.5
1470
1477.5
Gray
-C310
1304.5
1310
1317.5
Yellow Green
-C490
1484.5
1490
1497.5
Violet
-C330
1324.5
1330
1337.5
Yellow Ocher
-C510
1504.5
1510
1517.5
Blue
-C350
1344.5
1350
1357.5
Pink
-C530
1524.5
1530
1537.5
Green
-C370
1364.5
1370
1377.5
Beige
-C550
1544.5
1550
1557.5
Yellow
-C390
1384.5
1390
1397.5
White
-C570
1564.5
1570
1577.5
Orange
-C410
1404.5
1410
1417.5
Silver
-C590
1584.5
1590
1597.5
Red
-C430
1424.5
1430
1437.5
Black
-C610
1604.5
1610
1617.5
Brown
CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.


Similar Part No. - SPS-33120-CXX0G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-33120-CXX0G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380W_2015 OPTOWAY-SPS-3380W_2015 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100-CXX0G_2015 OPTOWAY-SPS-33100-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G_2015 OPTOWAY-SPS-33200-CXX0G_2015 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G_15 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120G_2015 OPTOWAY-SPS-33120G_2015 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33160G_2015 OPTOWAY-SPS-33160G_2015 Datasheet
152Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200G_2015 OPTOWAY-SPS-33200G_2015 Datasheet
152Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com