Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70825S25PFB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70825S25PFB
Description  HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70825S25PFB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70825S25PFB Datasheet HTML 7Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 8Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 9Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 10Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 11Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 12Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 13Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 14Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IDT70825S/L
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.31
11
RANDOM ACCESS PORT: AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (2,3)
IDT70825X20
IDT70825X25
IDT70825X35
IDT70825X45
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
25
35
45
ns
tAA
Address Access Time
20
25
35
45
ns
tACE
Chip Enable Access Time
20
25
35
45
ns
tBE
Byte Enable Access Time
20
25
35
45
ns
tOE
Output Enable Access Time
10
10
15
20
ns
tOH
Output Hold from Address Change
3
3
3
3
ns
tCLZ
Chip Select Low-Z Time(1)
3
3—
3—
3—
ns
tBLZ
Byte Enable Low-Z Time(1)
3
3—
3—
3—
ns
tOLZ
Output Enable Low-Z Time(1)
2
2—
2—
2—
ns
tCHZ
Chip Select High-Z Time(1)
10
12
15
15
ns
tBHZ
Byte Enable High-Z Time(1)
10
12
15
15
ns
tOHZ
Output Enable High-Z Time(1)
9
—11—15
—15
ns
tPU
Chip Select Power-Up Time
0
0
0
0
ns
tPD
Chip Select Power-Down Time
20
25
35
45
ns
NOTES:
1. Transition measured at
±200mV from steady state. This parameter is guaranteed with the AC Test Load (Figure 2) by device characterization, but is not
production tested.
2. "X" in part number indicates power rating (S or L).
3.
CMD access follows standard timing listed for both read and write accesses, ( CE = VIH when CMD = VIL ) or ( CMD = VIH when CE = VIL ).
RANDOM ACCESS PORT: AC ELECTRICAL CHARACTERISTICS
OVER THE OPERATING TEMPERATURE AND SUPPLY VOLTAGE (2,4)
IDT70825X20
IDT70825X25
IDT70825X35
IDT70825X45
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
20
25
35
45
ns
tCW
Chip Select to End-of-Write
15
20
25
30
ns
tAW
Address Valid to End-of-Write(3)
15
20
25
30
ns
tAS
Address Set-up Time
0
0
0
0
ns
tWP
Write Pulse Width(3)
13
20
25
30
ns
tBP
Byte Enable Pulse Width(3)
15
20
25
30
ns
tWR
Write Recovery Time
0
0
0
0
ns
tWHZ
Write Enable Output High-Z Time(1)
—10—12
—15—15
ns
tDW
Data Set-up Time
13
15
20
25
ns
tDH
Data Hold Time
0
0
0
0
ns
tOW
Output Active from End-of-Write
3
3
3
3
ns
NOTES:
1. Transition measured at
±200mV from steady state. This parameter is guaranteed with the AC Test Load (Figure 2) by device characterization, but is not
production tested.
2. "X" in part number indicates power rating (S or L).
3.
OE is continuously HIGH, OE = VIH. If during the R/W controlled write cycle the OE is LOW, tWP must be greater or equal to tWHZ + tDW to allow the I/O
drivers to turn off and on the data to be placed on the bus for the required tDW. If
OE is HIGH during the R/W controlled write cycle, this requirement does
not apply and the minimum write pulse is the specified tWP. For the
CE controlled write cycle, OE may be LOW with no degradation to tCW timing.
4.
CMD access follows standard timing listed for both read and write accesses, ( CE = VIH when CMD = VIL ) or ( CMD = VIH when CE = VIL ).
3016 tbl 21
3016 tbl 20
CASES 8 AND 9: (RESERVED)
Illegal operations. All outputs will be HIGH on the I/O bus during a READ.


Similar Part No. - IDT70825S25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824L IDT-IDT70824L Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20G IDT-IDT70824L20G Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GB IDT-IDT70824L20GB Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GI IDT-IDT70824L20GI Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20PF IDT-IDT70824L20PF Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70825S25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824S IDT-IDT70824S Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com