Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70825L25GB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70825L25GB
Description  HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70825L25GB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70825L25GB Datasheet HTML 1Page - Integrated Device Technology IDT70825L25GB Datasheet HTML 2Page - Integrated Device Technology IDT70825L25GB Datasheet HTML 3Page - Integrated Device Technology IDT70825L25GB Datasheet HTML 4Page - Integrated Device Technology IDT70825L25GB Datasheet HTML 5Page - Integrated Device Technology IDT70825L25GB Datasheet HTML 6Page - Integrated Device Technology IDT70825L25GB Datasheet HTML 7Page - Integrated Device Technology IDT70825L25GB Datasheet HTML 8Page - Integrated Device Technology IDT70825L25GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
6.31
2
IDT70825S/L
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. This text does not indicate orientation of the actual part-marking.
PIN CONFIGURATIONS(1,2)
3016 drw 03
63
61
60
58
55
54
51
48
46
45
66
67
69
72
75
76
79
81
82
83
12
5
7
8
11
10
12
14
17
20
23
26
28
29
32
31
33
35
38
41
43
IDT70825
G84-3
84-PIN PGA
TOP VIEW(3)
AB
C
D
E
F
G
H
J
K
L
42
59
56
49
50
40
25
27
30
36
34
37
39
84
3
4
6915
13
16
18
22
24
19
21
68
71
70
77
80
11
10
09
08
07
06
05
04
03
02
01
64
65
62
57
53
52
47
44
73
74
78
A3
NC
R/
W
UB
A1
CE
A5
A6
A8
A9
A11
I/O14
NC
VCC
CMD
A2
NC SI/O15
I/O12
I/O13
SI/O14 SI/O13
I/O9
I/O5
I/O8
SI/O9 SI/O10 SI/O6
I/O4
SI/O4 SI/O5
I/O3
GND
SSTRT1
SCLK GND
SI/O2 VCC
I/O7
I/O6 GND
SI/O8 SI/O7 GND
NC
I/O0
EOB2 SOE
RST
SLD
SI/O1 SI/O3
SCE SI/O0
I/O1
EOB1 GND CNTEN GND SSTRT2 SR/W
GND
NC
NC
VCC
I/O15 GND
OE
A0
LB
VCC
A10
A12
GND
A4
A7
I/O10
VCC
VCC SI/O11
I/O11
SI/O12
I/O2
VCC
INDEX
3016 drw 02
4
5
6
7
8
9
10
INDEX
11
12
13
14
1
80 79 78 77 76 75 74 73 72 71
23 24 25 26 27 28 29 30 31 32 33 34 35
3
2
15
16
17
18
19
20
21 22
36 37 38 39 40
41
42
43
62 61
60
59
58
57
56
55
54
53
52
63
64
51
50
49
48
47
46
45
44
70 69 68 67 66 65
IDT70825
PN80-1
TQFP
TOP
VIEW(3)
VCC
A10
A9
A8
A7
A6
A5
A4
A3
A1
A2
CMD
CE
LB
UB
R/
W
OE
A11
VCC
A0
SSTRT1
SCLK
GND
SI/O0
N/C
I/O0
CNTEN
SLD
SCE
SR/
W
RST
SSTRT2
SI/O1
GND
GND
GND
EOB2
VCC
SOE
EOB1


Similar Part No. - IDT70825L25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824L IDT-IDT70824L Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20G IDT-IDT70824L20G Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GB IDT-IDT70824L20GB Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GI IDT-IDT70824L20GI Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20PF IDT-IDT70824L20PF Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70825L25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824S IDT-IDT70824S Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com