Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7005S15F Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7005S15F
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7005S15F Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7005S15F Datasheet HTML 1Page - Integrated Device Technology IDT7005S15F Datasheet HTML 2Page - Integrated Device Technology IDT7005S15F Datasheet HTML 3Page - Integrated Device Technology IDT7005S15F Datasheet HTML 4Page - Integrated Device Technology IDT7005S15F Datasheet HTML 5Page - Integrated Device Technology IDT7005S15F Datasheet HTML 6Page - Integrated Device Technology IDT7005S15F Datasheet HTML 7Page - Integrated Device Technology IDT7005S15F Datasheet HTML 8Page - Integrated Device Technology IDT7005S15F Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
6.06
4
IDT7005S/L
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TRUTH TABLE I – NON-CONTENTION READ/WRITE CONTROL
Inputs
(1)
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
SEM
SEM
SEM
SEM
SEM
I/O0-7
Mode
H
X
X
H
High-Z
Deselected: Power-Down
L
L
X
H
DATAIN
Write to Memory
L
H
L
H
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
NOTE:
2738 tbl 02
1. A0L — A12L is not equal to A0R — A12R.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
6.0
(2)
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTES:
2738 tbl 06
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5.0V
± 10%
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2738 tbl 05
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
(2)
Terminal Voltage –0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTES:
2738 tbl 04
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 0.5V for more than 25% of the cycle time
or 10% maximum, and is limited to < 20mA for the period of VTERM > Vcc
+ 0.5V.
CAPACITANCE(1)
(TA = +25
°C, f = 1.0MHz) TQFP PACKAGE
Symbol
Parameter
Conditions
(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output
VOUT = 3dV
10
pF
Capacitance
NOTES:
2738 tbl 07
1. This parameter is determined by device characterization but is not
production tested.
2. 3dv references the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.
TRUTH TABLE II – SEMAPHORE READ/WRITE CONTROL(1)
Inputs
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
SEM
SEM
SEM
SEM
SEM
I/O0-7
Mode
H
H
L
L
DATAOUT
Read in Semaphore Flag Data 0ut
H
u
X
L
DATAIN
Write I/O0 into Semaphore Flag
L
X
X
L
Not Allowed
2738 tbl 03
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from I/O0 - I/O15. These eight semaphores are addressed by A0 - A2.


Similar Part No. - IDT7005S15F

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7005S15F

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com