Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7007S20JB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7007S20JB
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7007S20JB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7007S20JB Datasheet HTML 1Page - Integrated Device Technology IDT7007S20JB Datasheet HTML 2Page - Integrated Device Technology IDT7007S20JB Datasheet HTML 3Page - Integrated Device Technology IDT7007S20JB Datasheet HTML 4Page - Integrated Device Technology IDT7007S20JB Datasheet HTML 5Page - Integrated Device Technology IDT7007S20JB Datasheet HTML 6Page - Integrated Device Technology IDT7007S20JB Datasheet HTML 7Page - Integrated Device Technology IDT7007S20JB Datasheet HTML 8Page - Integrated Device Technology IDT7007S20JB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IDT7007S/L
High-Speed 32K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
2
Description
The IDT7007 is a high-speed 32K x 8 Dual-Port Static RAM. The
IDT7007isdesignedtobeusedasastand-alone256K-bitDual-PortRAM
orasacombinationMASTER/SLAVEDual-PortRAMfor16-bit-or-more
wordsystems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproach
in16-bitorwidermemorysystemapplicationsresultsinfull-speed,error-
freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbyCEpermitstheon-chipcircuitryofeachporttoenter
a very LOW standby power mode.
FabricatedusingIDT’sCMOShigh-performancetechnology,these
devices typically operate on only 850mW of power.
The IDT7007 is packaged in a 68-pin pin PGA, a 68-pin PLCC,
and an 80-pin thin quad flatpack, TQFP. Military grade product is
manufacturedincompliancewiththelatestrevisionofMIL-PRF-38535
QML,ClassB,makingitideallysuitedtomilitarytemperatureapplications
demandingthehighestlevelofperformanceandreliability.
Pin Configurations(1,2,3)
NOTES:
1. All Vcc pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately .95 in x .95 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part marking.
2940 drw 02
12
13
14
15
16
17
18
INDEX
19
20
21
22
98
7
6
54
32
1 68 67 66 65
27 28 29 30 31 32 33 34 35 36 37 38 39
VCC
I/O1R
I/O2R
I/O3R
I/O4R
INTL
GND
A4L
A3L
A2L
A1L
A0L
A3R
A0R
A1R
A2R
I/O2L
A5L
11
10
M/
S
23
24
25
26
40 41 42 43
58
57
56
55
54
53
52
51
50
49
48
59
60
47
46
45
44
64 63 62 61
I/O3L
GND
I/O0R
VCC
A4R
BUSYL
GND
BUSYR
INTR
IDT7007J
J68-1(4)
68-Pin PLCC
Top View(5)
I/O4L
I/O5L
I/O6L
I/O7L
I/O5R
I/O6R


Similar Part No. - IDT7007S20JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7007S20JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com