Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7025S25G Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7025S25G
Description  HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7025S25G Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7025S25G Datasheet HTML 6Page - Integrated Device Technology IDT7025S25G Datasheet HTML 7Page - Integrated Device Technology IDT7025S25G Datasheet HTML 8Page - Integrated Device Technology IDT7025S25G Datasheet HTML 9Page - Integrated Device Technology IDT7025S25G Datasheet HTML 10Page - Integrated Device Technology IDT7025S25G Datasheet HTML 11Page - Integrated Device Technology IDT7025S25G Datasheet HTML 12Page - Integrated Device Technology IDT7025S25G Datasheet HTML 13Page - Integrated Device Technology IDT7025S25G Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
6.16
10
IDT7025S/L
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF WRITE CYCLE NO. 1, R/
W
W
W
W
W CONTROLLED TIMING(1,5,8)
TIMING WAVEFORM OF WRITE CYCLE NO. 2,
CE
CE
CE
CE
CE, UB
UB
UB
UB
UB, LB
LB
LB
LB
LB CONTROLLED TIMING(1,5)
2683 drw 10
tWC
tAS
tWR
tDW
tDH
ADDRESS
DATAIN
R/
W
tAW
tEW
UB or LB
(3)
(2)
(6)
CE or SEM
(9)
(9)
R/
W
tWC
tHZ
tAW
tWR
tAS
tWP
DATAOUT
(2)
tWZ
tDW
tDH
tOW
OE
ADDRESS
DATAIN
(6)
(4)
(4)
(7)
UB or LB
2683 drw 09
(9)
CE or SEM
(9)
(7)
(3)
NOTES:
1. R/
W or CE or UB & LB must be High during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a Low
UB or LB and a Low CE and a Low R/W for memory array writing cycle.
3. tWR is measured from the earlier of
CE or R/W (or SEM or R/W) going High to the end-of-write cycle.
4. During this period, the I/O pins are in the output state and input signals must not be applied.
5. If the
CE or SEM Low transition occurs simultaneously with or after the R/W Low transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal is asserted last,
CE, R/W, or byte control.
7. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured +/- 500mV from steady state with Output
Test Load (Figure 2).
8. If
OE is Low during R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off and data
to be placed on the bus for the required tDW. If
OE is High during an R/W controlled write cycle, this requirement does not apply and the write pulse can
be as short as the specified tWP.
9. To access RAM,
CE = VIL, UB or LB = VIL, and SEM = VIH. To access Semaphore, CE = VIH or UB & LB = VIL, and SEM = VIL. tEW must be met
for either condition.


Similar Part No. - IDT7025S25G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7025S IDT-IDT7025S Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7025S25G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com