Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71B74S10TP Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71B74S10TP
Description  BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71B74S10TP Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT71B74S10TP Datasheet HTML 1Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 2Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 3Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 4Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 5Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 6Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 7Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 8Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
14.1
9
IDT71B74
BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
POWER ON RESET TIMING
3013 drw 15
tPORS
tRSRC
RESET
WE
VCC
t WERS
ORDERING INFORMATION
Driving the
RESET
RESET pin with CMOS logic.
Driving the
RESET
RESET pin with bipolar logic.
Figure 5.
3013 drw 16
IDT71B74
RESET
CMOS GATE
3013 drw 17
IDT71B74
RESET
BIPOLAR GATE
5V
1K
Ω – 10KΩ
S
Power
XX
Speed
X
Package
X
Process/
Temperature
Range
Blank
Commercial (0
°C to +70°C)
TP
Y
Plastic DIP (300 mil) (P28–2)
SOJ (Small Outline IC, J-bend) (SO28–5)
8
10
12
15
20
Commercial Only, SOJ Only
Commercial Only
Commercial Only
Commercial Only
Commercial Only
71B74
Device
Type
IDT
Speed in ns
3013 drw 18


Similar Part No. - IDT71B74S10TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PH IDT-IDT71016S12PH Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHG IDT-IDT71016S12PHG Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHGI IDT-IDT71016S12PHGI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHI IDT-IDT71016S12PHI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT71B74S10TP

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C174 PYRAMID-P4C174 Datasheet
281Kb / 12P
   HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com