Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7027L20GI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7027L20GI
Description  HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7027L20GI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7027L20GI Datasheet HTML 1Page - Integrated Device Technology IDT7027L20GI Datasheet HTML 2Page - Integrated Device Technology IDT7027L20GI Datasheet HTML 3Page - Integrated Device Technology IDT7027L20GI Datasheet HTML 4Page - Integrated Device Technology IDT7027L20GI Datasheet HTML 5Page - Integrated Device Technology IDT7027L20GI Datasheet HTML 6Page - Integrated Device Technology IDT7027L20GI Datasheet HTML 7Page - Integrated Device Technology IDT7027L20GI Datasheet HTML 8Page - Integrated Device Technology IDT7027L20GI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6.42
IDT7027S/L
High-Speed 32K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
2
Description
The IDT7027 is a high-speed 32K x 16 Dual-Port Static RAM,
designed to be used as a stand-alone 512K-bit Dual-Port RAM or as a
combination MASTER/SLAVE Dual-Port RAM for 32-bit-or-more word
systems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproachin32-
bit or wider memory system applications results in full-speed, error-free
operation without the need for additional discrete logic.
The device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by the chip enables (CE0 and CE1) permits the on-chip
circuitry of each port to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 750mW of power. The IDT7027 is
packagedina100-pinThinQuadFlatpack(TQFP)anda108-pinceramic
Pin Grid Array (PGA).
Military grade product is manufactured in compliance with the
latest revision of MIL-PRF-38535 QML, making it ideally suited to
military temperature applications demanding the highest level of
performance and reliability.
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
INDEX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 9897 96 9594 93 9291 90 89 8887 8685 8483 82 8180 7978 77 76
IDT7027PF
PN100-1(4)
100-Pin TQFP
Top View(5)
GND
OER
R/
WR
SEMR
CE1R
CE0R
NC
NC
GND
A12R
A13R
A11R
A10R
A9R
A14R
NC
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
GND
UBR
LBR
3199 drw 02
I/O15L
GND
OEL
R/
WL
SEML
CE1L
CE0L
Vcc
NC
A14L
A13L
NC
NC
A12L
A11L
A10L
A9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
UBL
LBL
GND
.


Similar Part No. - IDT7027L20GI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027L IDT-IDT7027L Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7027L20GI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com