Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6198L85DB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT6198L85DB
Description  CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6198L85DB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT6198L85DB Datasheet HTML 1Page - Integrated Device Technology IDT6198L85DB Datasheet HTML 2Page - Integrated Device Technology IDT6198L85DB Datasheet HTML 3Page - Integrated Device Technology IDT6198L85DB Datasheet HTML 4Page - Integrated Device Technology IDT6198L85DB Datasheet HTML 5Page - Integrated Device Technology IDT6198L85DB Datasheet HTML 6Page - Integrated Device Technology IDT6198L85DB Datasheet HTML 7Page - Integrated Device Technology IDT6198L85DB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6.3
4
IDT6198S/L
CMOS STATIC RAM 64K (16K x 4-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES
(L Version Only) VLC = 0.2V, VHC = VCC - 0.2V
Typ.
(1)
Max.
VCC @VCC @
Symbol
Parameter
Test Condition
Min.
2.0v
3.0V
2.0V
3.0V
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
MIL.
10
15
600
900
µA
COM’L.
10
15
150
225
tCDR
(3)
Chip Deselect to Data
CS ≥ VHC
0—
ns
Retention Time
VIN
≥ VHC or ≤ VLC
tR
(3)
Operation Recovery Time
tRC
(2)
——
——
ns
|ILI|
(3)
Input Leakage Current
2
2
µA
NOTES:
2987 tbl 09
1. TA = +25
°C.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization but is not production tested.
LOW VCC DATA RETENTION WAVEFORM
2987 drw 04
DATA
RETENTION
MODE
4.5V
4.5V
VDR
≥2V
VIH
VIH
tR
tCDR
VCC
CS
VDR
2987 drw 06
480
5pF*
255
DATAOUT
5V
2987 drw 05
480
30pF*
255
DATAOUT
5V
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
See Figures 1 and 2
2987 tbl 10
Figure 1. AC Test Load
Figure 2. AC Test Load
(for tOLZ, tCLZ, tOHZ, tWHZ, tCHZ and tOW)
*Includes scope and jig capacitances


Similar Part No. - IDT6198L85DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6198L85DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com