Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7005S25PFB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7005S25PFB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7005S25PFB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7005S25PFB Datasheet HTML 1Page - Integrated Device Technology IDT7005S25PFB Datasheet HTML 2Page - Integrated Device Technology IDT7005S25PFB Datasheet HTML 3Page - Integrated Device Technology IDT7005S25PFB Datasheet HTML 4Page - Integrated Device Technology IDT7005S25PFB Datasheet HTML 5Page - Integrated Device Technology IDT7005S25PFB Datasheet HTML 6Page - Integrated Device Technology IDT7005S25PFB Datasheet HTML 7Page - Integrated Device Technology IDT7005S25PFB Datasheet HTML 8Page - Integrated Device Technology IDT7005S25PFB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OCTOBER 1996
©1996 Integrated Device Technology, Inc.
DSC-2738/6
IDT7005S/L
HIGH-SPEED
8K x 8 DUAL-PORT
STATIC RAM
FEATURES:
• True Dual-Ported memory cells which allow simulta-
neous access of the same memory location
• High-speed access
— Military: 20/25/35/55/70ns (max.)
— Commercial:15/17/20/25/35/55ns (max.)
• Low-power operation
— IDT7005S
Active: 750mW (typ.)
Standby: 5mW (typ.)
— IDT7005L
Active: 750mW (typ.)
Standby: 1mW (typ.)
• IDT7005 easily expands data bus width to 16 bits or
more using the Master/Slave select when cascading
more than one device
•M/
S = H for BUSY output flag on Master,
M/
S = L for BUSY input on Slave
• Busy and Interrupt Flags
• On-chip port arbitration logic
• Full on-chip hardware support of Semaphore signaling
between ports
• Fully asynchronous operation from either port
• Devices are capable of withstanding greater than 2001V
electrostatic discharge
• Battery backup operation—2V data retention
• TTL-compatible, single 5V (
±10%) power supply
• Available in 68-pin PGA, 68-pin quad flatpack, 68-pin
PLCC, and a 64-pin TQFP
• Industrial temperature range (–40
°C to +85°C) is avail-
able, tested to military electrical specifications
DESCRIPTION:
The IDT7005 is a high-speed 8K x 8 Dual-Port Static RAM.
The IDT7005 is designed to be used as a stand-alone Dual-
Port RAM or as a combination MASTER/SLAVE Dual-Port
NOTES:
1. (MASTER):
BUSY is output;
(SLAVE):
BUSY
is input.
2.
BUSY outputs
and
INT outputs
are non-tri-stated
push-pull.
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
1
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A12L
A0L
2738 drw 01
I/O0L- I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/
S
BUSYR
I/O0R-I/O7R
A12R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/
WR
CER
OER
R/
WR
13
13
For latest information contact IDT’s web site at www.idt.com or fax-on-demand at 408-492-8391.
6.06


Similar Part No. - IDT7005S25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7005S25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com