Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V016SA15PHI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V016SA15PHI8
Description  3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V016SA15PHI8 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT71V016SA15PHI8 Datasheet HTML 1Page - Integrated Device Technology IDT71V016SA15PHI8 Datasheet HTML 2Page - Integrated Device Technology IDT71V016SA15PHI8 Datasheet HTML 3Page - Integrated Device Technology IDT71V016SA15PHI8 Datasheet HTML 4Page - Integrated Device Technology IDT71V016SA15PHI8 Datasheet HTML 5Page - Integrated Device Technology IDT71V016SA15PHI8 Datasheet HTML 6Page - Integrated Device Technology IDT71V016SA15PHI8 Datasheet HTML 7Page - Integrated Device Technology IDT71V016SA15PHI8 Datasheet HTML 8Page - Integrated Device Technology IDT71V016SA15PHI8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6.42
6
IDT71V016SA, 3.3V CMOS Static RAM
1 Meg (64K x 16-Bit)
Commercial and Industrial Temperature Ranges
Timing Waveform of Read Cycle No. 2(1)
NOTES:
1. A write occurs during the overlap of a LOW
CS, LOW BHE or BLE, and a LOW WE.
2.
OE is continuously HIGH. If during a WE controlled write cycle OE is LOW, tWP must be greater than or equal to tWHZ+ tDW to allow the I/O drivers to turn off and data to be placed
on the bus for the required tDW. If
OE is HIGH during a WE controlled write cycle, this requirement does not apply and the minimum write pulse is as short as the specified tWP.
3. During this period, I/O pins are in the output state, and input signals must not be applied.
4. If the
CS LOW or BHE and BLE LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state.
5. Transition is measured ±200mV from steady state.
Timing Waveform of Write Cycle No. 1 (WE Controlled Timing)(1,2,4)
NOTES:
1.
WE is HIGH for Read Cycle.
2. Address must be valid prior to or coincident with the later of
CS, BHE, or BLE transition LOW; otherwise tAA is the limiting parameter.
3. Transition is measured ±200mV from steady state.
ADDRESS
OE
CS
DATAOUT
3834 drw 07
(3)
(3)
(3)
DATA
VALID
tAA
tRC
tOE
tOLZ
tCHZ
tOHZ
OUT
BHE, BLE
(3) t
ACS
(3)
tBLZ
tCLZ
(2)
tBE
tOH
tBHZ (3)
(2)
ADDRESS
CS
DATAIN
3834 drw 08
(5)
(5)
(5)
DATAIN VALID
tWC
tAS
tWHZ
(2)
tCW
tCHZ
tOW
tWR
WE
tAW
DATAOUT
tDW
tDH
PREVIOUS DATA VALID
DATA VALID
BHE , BLE
tBW
tWP
(5)
tBHZ
(3)


Similar Part No. - IDT71V016SA15PHI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT71V016SA15PHI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com