Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7006L35PFB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7006L35PFB
Description  HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7006L35PFB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7006L35PFB Datasheet HTML 5Page - Integrated Device Technology IDT7006L35PFB Datasheet HTML 6Page - Integrated Device Technology IDT7006L35PFB Datasheet HTML 7Page - Integrated Device Technology IDT7006L35PFB Datasheet HTML 8Page - Integrated Device Technology IDT7006L35PFB Datasheet HTML 9Page - Integrated Device Technology IDT7006L35PFB Datasheet HTML 10Page - Integrated Device Technology IDT7006L35PFB Datasheet HTML 11Page - Integrated Device Technology IDT7006L35PFB Datasheet HTML 12Page - Integrated Device Technology IDT7006L35PFB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IDT7006S/L
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.07
9
IDT7006X15
IDT7006X17
IDT7006X20
IDT7006X25
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
15
17
20
25
ns
tEW
Chip Enable to End-of-Write
(3)
12
12
15
20
ns
tAW
Address Valid to End-of-Write
12
12
15
20
ns
tAS
Address Set-up Time
(3)
0—
0
0
0
ns
tWP
Write Pulse Width
12
12
15
20
ns
tWR
Write Recovery Time
0
0
0
0
ns
tDW
Data Valid to End-of-Write
10
10
15
15
ns
tHZ
Output High-Z Time
(1, 2)
10
10
12
15
ns
tDH
Data Hold Time
(4)
0—
0
0
0
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
——
12
15
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
0—
0
0
0
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
5
ns
IDT7006X35
IDT7006X55
IDT7006X70
Mil. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
35
55
70
ns
tEW
Chip Enable to End-of-Write
(3)
30
45
50
ns
tAW
Address Valid to End-of-Write
30
45
50
ns
tAS
Address Set-up Time
(3)
0—
0—
0—
ns
tWP
Write Pulse Width
25
40
50
ns
tWR
Write Recovery Time
0
0
0
ns
tDW
Data Valid to End-of-Write
15
30
40
ns
tHZ
Output High-Z Time
(1, 2)
—15—25
—30
ns
tDH
Data Hold Time
(4)
0—
0—
0—
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
—15—25
—30
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
0—
0—
0—
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
NOTES:
2739 tbl 14
1. Transition is measured
±500mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL, SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary
over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. "X" in part numbers indicates power rating (S or L).
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(5)


Similar Part No. - IDT7006L35PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006L IDT-IDT7006L Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7006L35PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com