Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7015L12GB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7015L12GB
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015L12GB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7015L12GB Datasheet HTML 1Page - Integrated Device Technology IDT7015L12GB Datasheet HTML 2Page - Integrated Device Technology IDT7015L12GB Datasheet HTML 3Page - Integrated Device Technology IDT7015L12GB Datasheet HTML 4Page - Integrated Device Technology IDT7015L12GB Datasheet HTML 5Page - Integrated Device Technology IDT7015L12GB Datasheet HTML 6Page - Integrated Device Technology IDT7015L12GB Datasheet HTML 7Page - Integrated Device Technology IDT7015L12GB Datasheet HTML 8Page - Integrated Device Technology IDT7015L12GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
6.12
2
IDT7015S/L
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L – A12L
A0R – A12R
Address
I/O0L – I/O8L
I/O0R – I/O8R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/
S
Master or Slave Select
VCC
Power
GND
Ground
MASTER/SLAVE Dual-Port RAM approach in 18-bit or wider
memory system applications results in full-speed, error-free
operation without the need for additional discrete logic.
This device provides two independent ports with separate
control, address, and I/O pins that permit independent,
asynchronous access for reads or writes to any location in
memory. An automatic power down feature controlled by
CE
permits the on-chip circuitry of each port to enter a very low
standby power mode.
Fabricated using IDT’s CMOS high-performance technol-
ogy, these devices typically operate on only 750mW of power.
The IDT7015 is packaged in a ceramic 68-pin PGA, a 64-
pin PLCC and an 80-pin TQFP (Thin Quad FlatPack). Military
grade product is manufactured in compliance with the latest
revision of MIL-STD-883, Class B, making it ideally suited to
military temperature applications demanding the highest level
of performance and reliability.
PIN CONFIGURATIONS (1,2)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. This text does not imply orientation of Part-Mark.
PIN NAMES
2954 tbl 01
2954 drw 02
12
13
14
15
16
17
18
INDEX
19
20
21
22
987
6543
21 68 67 66 65
27 28 29 30 31 32 33 34 35 36 37 38 39
VCC
I/O1R
I/O2R
I/O3R
I/O4R
INTL
GND
A4L
A3L
A2L
A1L
A0L
A3R
A0R
A1R
A2R
I/O2L
A5L
11
10
M/
S
23
24
25
26
40 41 42 43
58
57
56
55
54
53
52
51
50
49
48
59
60
47
46
45
44
64 63 62 61
I/O3L
GND
I/O0R
VCC
A4R
BUSYL
GND
BUSYR
INTR
IDT7015
(8K x 9)
J68-1
PLCC
TOP VIEW
I/O4L
I/O5L
I/O6L
I/O7L
I/O5R
I/O6R
(3)


Similar Part No. - IDT7015L12GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015L12GB IDT-IDT7015L12GB Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015L12GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com