Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7024L17JB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7024L17JB
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7024L17JB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7024L17JB Datasheet HTML 3Page - Integrated Device Technology IDT7024L17JB Datasheet HTML 4Page - Integrated Device Technology IDT7024L17JB Datasheet HTML 5Page - Integrated Device Technology IDT7024L17JB Datasheet HTML 6Page - Integrated Device Technology IDT7024L17JB Datasheet HTML 7Page - Integrated Device Technology IDT7024L17JB Datasheet HTML 8Page - Integrated Device Technology IDT7024L17JB Datasheet HTML 9Page - Integrated Device Technology IDT7024L17JB Datasheet HTML 10Page - Integrated Device Technology IDT7024L17JB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IDT7024S/L
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.15
7
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(4)
IDT7024X15
IDT7024X17
IDT7024X20
IDT7024X25
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
17
20
25
ns
tAA
Address Access Time
15
17
20
25
ns
tACE
Chip Enable Access Time
(3)
15
17
20
25
ns
tABE
Byte Enable Access Time
(3)
15
17
20
25
ns
tAOE
Output Enable Access Time
10
10
12
13
ns
tOH
Output Hold from Address Change
3
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3
3
3
3
ns
tHZ
Output High-Z Time
(1, 2)
10
10
12
15
ns
tPU
Chip Enable to Power Up Time
(1,2)
0
0
0
0
ns
tPD
Chip Disable to Power Down Time
(1,2)
15
17
20
25
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
10
10
10
10
ns
tSAA
Semaphore Address Access
(3)
15
17
20
25
ns
IDT7024X35
IDT7024X55
IDT7024X70
Mil. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
35
55
70
ns
tAA
Address Access Time
35
55
70
ns
tACE
Chip Enable Access Time
(3)
—35—55
—70
ns
tABE
Byte Enable Access Time
(3)
—35—55
—70
ns
tAOE
Output Enable Access Time
20
30
35
ns
tOH
Output Hold from Address Change
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3—
3—
3—
ns
tHZ
Output High-Z Time
(1, 2)
—15—25
—30
ns
tPU
Chip Enable to Power Up Time
(1,2)
0—
0—
0—
ns
tPD
Chip Disable to Power Down Time
(1,2)
—35—50
—50
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
15—15
—15—
ns
tSAA
Semaphore Address Access
(3)
—35—55
—70
ns
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns Max.
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
Figures 1 and 2
2740 tbl 12
NOTES:
2740 tbl 13
1. Transition is measured
±500mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL, UB or LB = VIL, and SEM =VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM =VIL.
4. "X" in part numbers indicates power rating (S or L).
2740 drw 06
1250
30pF
775
5V
DATAOUT
BUSY
INT
1250
5pF
775
5V
DATAOUT
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
Including scope and Jig


Similar Part No. - IDT7024L17JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024L IDT-IDT7024L Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7024L17JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com