Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72225LB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72225LB
Description  CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72225LB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72225LB Datasheet HTML 1Page - Integrated Device Technology IDT72225LB Datasheet HTML 2Page - Integrated Device Technology IDT72225LB Datasheet HTML 3Page - Integrated Device Technology IDT72225LB Datasheet HTML 4Page - Integrated Device Technology IDT72225LB Datasheet HTML 5Page - Integrated Device Technology IDT72225LB Datasheet HTML 6Page - Integrated Device Technology IDT72225LB Datasheet HTML 7Page - Integrated Device Technology IDT72225LB Datasheet HTML 8Page - Integrated Device Technology IDT72225LB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFO™
256 x 18-BIT, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
Commercial And Industrial Temperature Ranges
FEATURES:
• 256 x 18-bit organization array (IDT72205LB)
• 512 x 18-bit organization array (IDT72215LB)
• 1,024 x 18-bit organization array (IDT72225LB)
• 2,048 x 18-bit organization array (IDT72235LB)
• 4,096 x 18-bit organization array (IDT72245LB)
• 10 ns read/write cycle time
• Empty and Full flags signal FIFO status
• Easily expandable in depth and width
• Asynchronous or coincident read and write clocks
• Programmable Almost-Empty and Almost-Full flags with
default settings
• Half-Full flag capability
• Dual-Port zero fall-through time architecture
• Output enable puts output data bus in high-impedance
state
• High-performance submicron CMOS technology
• Available in a 64-lead thin quad flatpack (TQFP/STQFP)
and plastic leaded chip carrier (PLCC)
• Industrial temperature range (–40°C to +85°C) is available
Integrated Device Technology, Inc.
IDT72205LB
IDT72215LB
IDT72225LB
IDT72235LB
IDT72245LB
CMOS SyncFIFO™
256 x 18, 512 x 18, 1,024 x 18,
2,048 x 18 and 4,096 x 18
SyncFIFO is a trademark and the IDT logo is a registered trademark of Integrated Device Technology, Inc
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
MAY 2000
©2000 Integrated Device Technology, Inc.
DSC-2766/-
are applicable for a wide variety of data buffering needs, such
as optical disk controllers, Local Area Networks (LANs), and
interprocessor communication.
These FIFOs have 18-bit input and output ports. The input
port is controlled by a free-running clock (WCLK), and an input
enable pin (
WEN). Data is read into the synchronous FIFO on
every clock when
WEN is asserted. The output port is controlled
by another clock pin (RCLK) and another enable pin (
REN). The
read clock can be tied to the write clock for single clock
operation or the two clocks can run asynchronous of one
another for dual-clock operation. An Output Enable pin (
OE) is
provided on the read port for three-state control of the output.
The synchronous FIFOs have two fixed flags, Empty (
EF) and
Full (
FF), and two programmable flags, Almost-Empty (PAE)
and Almost-Full (
PAF). The offset loading of the programmable
flags is controlled by a simple state machine, and is initiated by
asserting the Load pin (
LD). A Half-Full flag (HF) is available
when the FIFO is used in a single device configuration.
These devices are depth expandable using a Daisy-Chain
technique. The XI and
XO pins are used to expand the FIFOs.
In depth expansion configuration,
FL is grounded on the first
device and set to HIGH for all other devices in the Daisy Chain.
The IDT72205LB/72215LB/72225LB/72235LB/72245LB is
fabricated using IDT’s high-speed submicron CMOS technol-
ogy.
1
FUNCTIONAL BLOCK DIAGRAM
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
256 x 18, 512 x 18
1,024 x 18, 2,048 x 18
4,096 x 18
••
OFFSET REGISTER
FLAG
LOGIC
/(
)
READ POINTER
READ CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
EXPANSION LOGIC
RESET LOGIC
WCLK
D0-D17
(
)/
RCLK
Q0-Q17
2766 drw 01
DESCRIPTION:
The IDT72205LB/72215LB/72225LB/72235LB/72245LB
are very high-speed, low-power First-In, First-Out (FIFO)
memories with clocked read and write controls. These FIFOs
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT72225LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72225LB IDT-IDT72225LB Datasheet
338Kb / 16P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72225LB RENESAS-IDT72225LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - IDT72225LB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com