Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72264L20G Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72264L20G
Description  VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72264L20G Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72264L20G Datasheet HTML 3Page - Integrated Device Technology IDT72264L20G Datasheet HTML 4Page - Integrated Device Technology IDT72264L20G Datasheet HTML 5Page - Integrated Device Technology IDT72264L20G Datasheet HTML 6Page - Integrated Device Technology IDT72264L20G Datasheet HTML 7Page - Integrated Device Technology IDT72264L20G Datasheet HTML 8Page - Integrated Device Technology IDT72264L20G Datasheet HTML 9Page - Integrated Device Technology IDT72264L20G Datasheet HTML 10Page - Integrated Device Technology IDT72264L20G Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
IDT72264/72274 VARIABLE WIDTH SUPERSYNC FIFO
(8192 x 18 or 16384 x 9) and (16384 x 18 or 32768 x 9)
COMMERCIAL TEMPERATURE RANGES
SIGNAL DESCRIPTIONS:
INPUTS:
DATA IN (D0 - D17)
All 18 data inputs (D0 - D17) function when the Memory
Array Configuration input (MAC) is tied to ground. Only 9-data
inputs ( D0 - D8) function when MAC is connected to Vcc. The
other data inputs (D9 - D17) do not function and may either be
tied to ground or left open.
CONTROLS:
MEMORY ARRAY CONFIGURATION (MAC)
The MAC line determines whether the FIFO will operate
with a nine-bit-wide data bus or an 18-bit wide data bus. A
FIFO is configured for 18-bit wide operation has half the
memory depth of the same FIFO configured for 9-bit wide
operation. MAC must be tied to either GND or Vcc. Connect-
ing MAC to Vcc will configure the FIFO's input and output data
buses to be 9 bits wide. In this case, the IDT72264 will have
a 16384x 9 organization, and the IDT72274 will have a 32678
x 9 organization.
Connecting MAC to GND will configure the FIFO's input
and output data buses to be 18 bits wide.
In this case, the
IDT72264 will have a 8192 x 18 organization, and the IDT72274
will have a 16384 x 18 organization. MAC must be set before
Master Reset; afterwards, it cannot be dynamically varied.
MASTER RESET (
MRS
MRS)
A Master Reset is accomplished whenever the
MRS input
is taken to a LOW state. This operation sets the internal read
and write pointers to the first location of the RAM array.
PAE
will go LOW,
PAF will go HIGH, and HF will go HIGH.
If FWFT is LOW during Master Reset then the IDT
Standard Mode, along with
EF and FF are selected. EF will
go LOW and
FF will go HIGH. If FWFT is HIGH, then the First
Word Fall through Mode (FWFT), along with
IR and OR, are
selected.
OR will go HIGH and IR will go LOW.
If
LD is LOW during Master Reset, then PAE is assigned a
threshold 127 words from the empty boundary and
PAF is
assigned a threshold 127 words from the full boundary; 127
words corresponds to an offset value of 07FH. Following
Master Reset, parallel loading of the offsets is permitted, but
not serial loading.
If
LD is HIGH during Master Reset, then PAE is assigned
a threshold 1023 words from the empty boundary and
PAF is
assigned a threshold 1023 words from the full boundary;
1023 words corresponds to an offset value of 3FFH. Following
Master Reset, serial loading of the offsets is permitted, but not
parallel loading.
Regardless of whether serial or parallel offset loading has
been selected, parallel reading of the registers is always
permitted. (See section describing the
LD line for further
details).
During a Master Reset, the output register is initialized to
all zeroes. A Master Reset is required after power up, before
a write operation can take place.
MRS is asynchronous
PARTIAL RESET (
PRS
PRS)
A Partial Reset is accomplished whenever the
PRS input
is taken to a LOW state. As in the case of the Master Reset,
the internal read and write pointers are set to the first location
of the RAM array,
PAE goes LOW, PAF goes HIGH, and HF
goes HIGH.
Whichever mode is active at the time of partial reset, IDT
Standard Mode or First Word Fall-through, that mode will
remain selected. If the IDT Standard Mode is active, then
FF
will go HIGH and
EF will go LOW. If the First word Fall-through
Mode is active, then
OR will go HIGH, and IR will go LOW.
Following Partial Reset, all values held in the offset regis-
ters remain unchanged. The programming method (parallel
or serial) currently active at the time of Partial Reset is also
retained. The output register is initialized to all zeroes.
PRS
is asynchronous.
A Partial Reset is useful for resetting the device during the
course of operation, when reprogramming flag settings may
not be convenient.
RETRANSMIT (
RT
RT)
The Retransmit operation allows data that has already
been read to be accessed again. There are two stages: first,
a setup procedure that resets the read pointer to the first
location of memory, then the actual retransmit, which consists
of reading out the memory contents, starting at the beginning
of memory.
Retransmit Setup is initiated by holding
RT LOW during a
rising RCLK edge.
REN and WEN must be HIGH before
bringing
RT LOW. At least one word, but no more than Full - 2
words should have been written into the FIFO between Reset
(Master or Partial) and the time of Retransmit Setup. (For the
IDT72264, 8,192 when MAC is LOW, 16,384 when MAC is
HIGH; For the IDT72274, Full = 16,384 words when MAC is
LOW, 32,768 when MAC is LOW).
If IDT Standard mode is selected, the FIFO will mark the
beginning of the Retransmit Setup by setting
EF LOW. The
change in level will only be noticeable if
EF was HIGH before
setup. During this period, the internal read pointer is initialized
to the first location of the RAM array.
When
EF goes HIGH, Retransmit Setup is complete and
read operations may begin starting with the first location in
memory. Since IDT Standard Mode is selected, every word
read including the first word following Retransmit Setup re-
quires a LOW on
REN to enable the rising edge of RCLK.
Writing operations can begin after one of two conditions have
been met:
EF is HIGH or 14 cycles of the faster clock (RCLK
or WCLK) have elapsed since the RCLK rising edge enabled
by the
RT pulse.
The deassertion time of
EF during Retransmit Setup is
variable. The parameter tRTF1, which is measured from the
rising RCLK edge enabled by
RT to the rising edge of EF is
described by the following equation:
tRTF1 max. = 14*Tf + 3*TRCLK (in ns)
where Tf is either the RCLK or the WCLK period, whichever is
shorter, and TRCLK is the RCLK period.


Similar Part No. - IDT72264L20G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72261 IDT-IDT72261 Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72261L10G IDT-IDT72261L10G Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72261L10GB IDT-IDT72261L10GB Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72261L10PF IDT-IDT72261L10PF Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72261L10PFB IDT-IDT72261L10PFB Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
More results

Similar Description - IDT72264L20G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
IDT72255 IDT-IDT72255 Datasheet
394Kb / 30P
   CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
IDT72261 IDT-IDT72261 Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
logo
Renesas Technology Corp
IDT72V3640 RENESAS-IDT72V3640 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com