Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7164L70D Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7164L70D
Description  CMOS STATIC RAM 64K (8K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164L70D Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT7164L70D Datasheet HTML 1Page - Integrated Device Technology IDT7164L70D Datasheet HTML 2Page - Integrated Device Technology IDT7164L70D Datasheet HTML 3Page - Integrated Device Technology IDT7164L70D Datasheet HTML 4Page - Integrated Device Technology IDT7164L70D Datasheet HTML 5Page - Integrated Device Technology IDT7164L70D Datasheet HTML 6Page - Integrated Device Technology IDT7164L70D Datasheet HTML 7Page - Integrated Device Technology IDT7164L70D Datasheet HTML 8Page - Integrated Device Technology IDT7164L70D Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
6.1
8
IDT7164S/L
CMOS STATIC RAM 64K (8K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (
WE
WE CONTROLLED TIMING)
(1, 2, 6)
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (
CS
CS CONTROLLED TIMING)
(1, 2)
NOTES:
1.
WE, CS1 or CS2 must be inactive during all address transitions.
2. A write occurs during the overlap of a LOW
WE, a LOW CS1 and a HIGH CS2.
3. tWR1, 2 is measured from the earlier of
CS1 or WE going HIGH or CS2 going LOW to the end of the write cycle.
4. During this period, I/O pins are in the output state so that the input signals must not be applied.
5. If the
CS1 LOW transition or CS2 HIGH transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state.
6.
OE is continuously HIGH. If OE is LOW during a WE controlled write cycle, the write pulse width must be the larger of tWP or (tWHZ +tDW) to allow the
I/O drivers to turn off and data to be placed on the bus for the required tDW. If
OE is HIGH during a WE controlled write cycle, this requirement does not
apply and the minimum write pulse width is as short as the specified tWP.
7. Transition is measured
±200mV from steady state.
ADDRESS
tWC
tWHZ(7)
2967 drw 08
CS1
DATA OUT
CS2
tAS
tAW
tWR1(3)
WE
tWP
tOW(7)
DATA IN
tDH1, 2
tDW
DATA VALID
(4)
(6)
2967 drw 09
ADDRESS
CS1
CS2
tWC
tAS
WE
tCW
tWR2 (3)
tAW
DATA IN
tDH1,2
tDW
DATA VALID
tWR1 (3)
(5)


Similar Part No. - IDT7164L70D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164L IDT-IDT7164L Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164LL IDT-IDT7164LL Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164LS IDT-IDT7164LS Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
More results

Similar Description - IDT7164L70D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com