Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V801L10PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V801L10PF
Description  3.3 VOLT DUAL CMOS SyncFIFO?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V801L10PF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V801L10PF Datasheet HTML 1Page - Integrated Device Technology IDT72V801L10PF Datasheet HTML 2Page - Integrated Device Technology IDT72V801L10PF Datasheet HTML 3Page - Integrated Device Technology IDT72V801L10PF Datasheet HTML 4Page - Integrated Device Technology IDT72V801L10PF Datasheet HTML 5Page - Integrated Device Technology IDT72V801L10PF Datasheet HTML 6Page - Integrated Device Technology IDT72V801L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72V801L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72V801L10PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2001 Integrated Device Technology, Inc.
DSC-4093/1
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
3.3 VOLT DUAL CMOS SyncFIFO™
DUAL 256 X 9, DUAL 512 X 9,
DUAL 1,024 X 9, DUAL 2,048 X 9,
DUAL 4,096 X 9 , DUAL 8,192 X 9
IDT72V801
IDT72V811
IDT72V821
IDT72V831
IDT72V841
IDT72V851
APRIL 2001
The IDT logo is a registered trademark and the SyncFIFO is a trademark of Integrated Device Technology, Inc.
.EATURES:
••••• The IDT72V801 is equivalent to two IDT72V201 256 x 9 FIFOs
••••• The IDT72V811 is equivalent to two IDT72V211 512 x 9 FIFOs
••••• The IDT72V821 is equivalent to two IDT72V221 1,024 x 9 FIFOs
••••• The IDT72V831 is equivalent to two IDT72V231 2,048 x 9 FIFOs
••••• The IDT72V841 is equivalent to two IDT72V241 4,096 x 9 FIFOs
••••• The IDT72V851 is equivalent to two IDT72V251 8,192 x 9 FIFOs
••••• Offers optimal combination of large capacity, high speed,
design flexibility and small footprint
••••• Ideal for prioritization, bidirectional, and width expansion
applications
••••• 10 ns read/write cycle time
••••• 5V input tolerant
••••• Separate control lines and data lines for each FIFO
••••• Separate Empty, Full, programmable Almost-Empty and
Almost-Full flags for each FIFO
••••• Enable puts output data lines in high-impedance state
••••• Space-saving 64-pin plastic Thin Quad Flat Pack (TQFP/
STQFP)
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
DESCRIPTION:
The IDT72V801/72V811/72V821/72V831/72V841/72V851/72V851 are
dual synchronous (clocked) FIFOs. The device is functionally equivalent to
two IDT72V201/72V211/72V221/72V231/72V241/72V251 FIFOs in a single
package with all associated control, data, and flag lines assigned to separate
pins.
Each of the two FIFOs (designated FIFO A and FIFO B) contained in the
IDT72V801/72V811/72V821/72V831/72V841/72V851 has a 9-bit input data
port (DA0 - DA8, DB0 - DB8) and a 9-bit output data port (QA0 - QA8,
QB0 - QB8). Each input port is controlled by a free-running clock (WCLKA,
WCLKB), and two Write Enable pins (
WENA1, WENA2, WENB1, WENB2).
DataiswrittenintoeachofthetwoarraysoneveryrisingclockedgeoftheWrite
Clock (WCLKA, WCLKB) when the appropriate Write Enable pins are
asserted.
The output port of each FIFO bank is controlled by its associated clock pin
(RCLKA, RCLKB) and two Read Enable pins (
RENA1, RENA2, RENB1,
RENB2).TheReadClockcanbetiedtotheWriteClockforsingleclockoperation
orthetwoclockscanrunasynchronousofoneanotherfordualclockoperation.
An Output Enable pin (
OEA, OEB) is provided on the read port of each FIFO
for three-state output control.
Each of the two FIFOs has two fixed flags, Empty (
EFA,EFB)andFull(FFA,
FFB). Twoprogrammableflags,Almost-Empty(PAEA,PAEB)andAlmost-Full
(
PAFA,PAFB),areprovidedforeachFIFObanktoimprovememoryutilization.
If not programmed, the programmable flags default to Empty+7 for
PAEAand
PAEB, and Full-7 for PAFA and PAFB.
The IDT72V801/72V811/72V821/72V831/72V841/72V851 architecture
lends itself to many flexible configurations such as:
• 2-level priority data buffering
• Bidirectional operation
• Width expansion
• Depth expansion
This FIFO is fabricated using IDT's high-performance submicron CMOS
technology.
.UNCTIONAL BLOCK DIAGRAM
WCLKA
WENA1
WENA2
DA0 - DA8
LDA
OFFSET REGISTER
INPUT REGISTER
WRITE CONTROL
LOGIC
RESET LOGIC
OUTPUT REGISTER
OEA
RSA
QA0 - QA8
RCLKA
RENA1
RENA2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EFA
PAEA
PAFA
FFA
4093 drw 01
WCLKB
WENB1
WENB2
DB0 - DB8
LDB
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9, 8,192 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
OEB
RSB
QB0 - QB8
RCLKB
RENB1
RENB2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EFB
PAFB
FFB
PAEB
WRITE POINTER
RAM ARRAY
256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9, 8,192 x 9


Similar Part No. - IDT72V801L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
More results

Similar Description - IDT72V801L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com