Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72221L25J Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72221L25J
Description  CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72221L25J Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72221L25J Datasheet HTML 3Page - Integrated Device Technology IDT72221L25J Datasheet HTML 4Page - Integrated Device Technology IDT72221L25J Datasheet HTML 5Page - Integrated Device Technology IDT72221L25J Datasheet HTML 6Page - Integrated Device Technology IDT72221L25J Datasheet HTML 7Page - Integrated Device Technology IDT72221L25J Datasheet HTML 8Page - Integrated Device Technology IDT72221L25J Datasheet HTML 9Page - Integrated Device Technology IDT72221L25J Datasheet HTML 10Page - Integrated Device Technology IDT72221L25J Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72421/72201/72211/72221/72231/72241/72251 CMOS SyncFIFO™
64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
OUTPUTS:
FULL FLAG (
FF)
The Full Flag (
FF)willgoLOW,inhibitingfurtherwriteoperation,whenthe
device is full. If no reads are performed after Reset (
RS), the Full Flag (FF)
will go LOW after 64 writes for the IDT72421, 256 writes for the IDT72201, 512
writes for the IDT72211, 1,024 writes for the IDT72221, 2,048 writes for the
IDT72231, 4,096 writes for the IDT72241, and 8,192 writes for the IDT72251.
The Full Flag (
FF) is synchronized with respect to the LOW-to-HIGH
transition of the Write Clock (WCLK).
EMPTY FLAG (
EF)
The Empty Flag (
EF)willgoLOW,inhibitingfurtherreadoperations,when
the read pointer is equal to the write pointer, indicating the device is empty.
The Empty Flag (
EF) is synchronized with respect to the LOW-to-HIGH
transition of the Read Clock (RCLK).
PROGRAMMABLE ALMOST-FULL FLAG (
PAF)
The Programmable Almost-Full flag (
PAF) will go LOW when the FIFO
reaches the almost-full condition. If no reads are performed after Reset (
RS),
theProgrammableAlmost-Fullflag(
PAF)willgoLOWafter(64-m)writesforthe
IDT72421, (256-m) writes for the IDT72201, (512-m) writes for the IDT72211,
TABLE 1 — STATUS FLAGS
NUMBER OF WORDS IN FIFO
IDT72421
IDT72201
IDT72211
FF
PAF
PAE
EF
00
0
H
H
L
L
1 to n
1 to n
1 to n
H
H
L
H
(n+1) to (64-(m+1))
(n+1) to (256-(m+1))
(n+1) to (512-(m+1))
H
H
H
H
(64-m)
(2) to63
(256-m)
(2) to255
(512-m)
(2) to511
H
L
H
H
64
256
512
L
L
H
H
NUMBER OF WORDS IN FIFO
IDT72221
IDT72231
IDT72241
IDT72251
FF
PAF
PAE
EF
00
0
0
H
H
L
L
1 to n
(1)
1 to n
(1)
1 to n
(1)
1 to n
(1)
HH
L
H
(n+1) to (1,024-(m+1))
(n+1) to (2,048-(m+1))
(n+1) to (4,096-(m+1))
(n+1) to (8,192-(m+1))
H
H
H
H
(1,024-m)
(2) to1,023
(2,048-m)
(2) to2,047
(4,096-m)
(2) to4,095
(8,192-m)
(2) to8,191
H
L
H
H
1,024
2,048
4,096
8,192
L
L
H
H
NOTES:
1.
n = Empty Offset (n = 7 default value)
2.
m = Full Offset (m = 7 default value)
(1,024-m) writes for the IDT72221, (2,048-m) writes for the IDT72231, (4,096-
m) writes for the IDT72241, and (8,192-m) writes for the IDT72251. The offset
“m” is defined in the Full offset registers.
IfthereisnoFulloffsetspecified,theProgrammableAlmost-Fullflag(
PAF)
will go LOW at Full-7 words.
The Programmable Almost-Full flag (
PAF)issynchronizedwithrespectto
the LOW-to-HIGH transition of the Write Clock (WCLK).
PROGRAMMABLE ALMOST-EMPTY FLAG (
PAE)
The Programmable Almost-Empty flag (
PAE) will go LOW when the read
pointer is "n+1" locations less than the write pointer. The offset "n" is defined
in the Empty Offset registers. If no reads are performed after Reset the
Programmable Almost-Empty flag (
PAE) will go HIGH after "n+1" for the
IDT72421/72201/72211/72221/72231/72241/72251.
If there is no Empty offset specified, the Programmable Almost-Empty flag
(
PAE) will go LOW at Empty+7 words.
The Programmable Almost-Empty flag (
PAE)issynchronizedwithrespect
to the LOW-to-HIGH transition of the Read Clock (RCLK).
DATA OUTPUTS (Q0 - Q8)
Data outputs for a 9-bit wide data.
(1)
(1)
(1)


Similar Part No. - IDT72221L25J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72221L25J IDT-IDT72221L25J Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72221L25JB IDT-IDT72221L25JB Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72221L25J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com