Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V841L10PF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V841L10PF
Description  3.3 VOLT DUAL CMOS SyncFIFO?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V841L10PF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V841L10PF Datasheet HTML 1Page - Integrated Device Technology IDT72V841L10PF Datasheet HTML 2Page - Integrated Device Technology IDT72V841L10PF Datasheet HTML 3Page - Integrated Device Technology IDT72V841L10PF Datasheet HTML 4Page - Integrated Device Technology IDT72V841L10PF Datasheet HTML 5Page - Integrated Device Technology IDT72V841L10PF Datasheet HTML 6Page - Integrated Device Technology IDT72V841L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72V841L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72V841L10PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IDT72V801/72V811/72V821/72V831/72V841/72V851
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
In Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
OutputLoad
See Figure 1
Commercial
Com’l & Ind’l
Commercial
IDT72V801L10
IDT72V801L15
IDT72V801L20
IDT72V811L10
IDT72V811L15
IDT72V811L20
IDT72V821L10
IDT72V821L15
IDT72V821L20
IDT72V831L10
IDT72V831L15
IDT72V831L20
IDT72V841L10
IDT72V841L15
IDT72V841L20
IDT72V851L10
IDT72V851L15
IDT72V851L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
50
MHz
tA
Data Access Time
2
6.5
2
10
2
12
ns
tCLK
Clock Cycle Time
10
15(1)
—20
ns
tCLKH
Clock High Time
4.5
6
8
ns
tCLKL
Clock Low Time
4.5
6
8
ns
tDS
Data Set-up Time
3
4
5
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
Enable Set-up Time
3
4
5
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
Reset Pulse Width(2)
10
15
20
ns
tRSS
Reset Set-up Time
8
10
12
ns
tRSR
Reset Recovery Time
8
10
12
ns
tRSF
Reset to Flag Time and Output Time
10
15
20
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—
0
0—
ns
tOE
Output Enable to Output Valid
3
6
3
8
3
10
ns
tOHZ
Output Enable to Output in High-Z(3)
36
3
8
3
10
ns
tWFF
Write Clock to Full Flag
6.5
10
12
ns
tREF
Read Clock to Empty Flag
6.5
10
12
ns
tPAF
Write Clock to Programmable Almost-Full Flag
6.5
10
12
ns
tPAE
Read Clock to Programmable Almost-Empty Flag
6.5
10
12
ns
tSKEW1
Skew Time Between Read Clock and Write Clock
5
6
8
ns
for Empty Flag and Full Flag
tSKEW2
Skew Time Between Read Clock and Write Clock for
14
18
20
ns
Programmable Almost-Empty Flag and Programmable
Almost-Full Flag
*Includes jig and scope capacitances.
Figure 1. Output Load
or equivalent circuit
NOTES:
1. Industrial temperature range product for the 15ns speed grade is available as a standard device.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
30pF*
330
3.3V
510
D.U.T.
4093 drw 03
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V ± 0.3V, TA = 0
°C to +70°C; Industrial: VCC = 3.3V± 0.3V, TA = -40°C to +85°C)
AC TEST CONDITIONS


Similar Part No. - IDT72V841L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V841 IDT-IDT72V841 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V841 RENESAS-IDT72V841 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
More results

Similar Description - IDT72V841L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com