Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S1205 Datasheet(PDF) 1 Page - Analog Devices

Part # AD2S1205
Description  12-Bit RDC with Reference Oscillator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 1 Page - Analog Devices

  AD2S1205_15 Datasheet HTML 1Page - Analog Devices AD2S1205_15 Datasheet HTML 2Page - Analog Devices AD2S1205_15 Datasheet HTML 3Page - Analog Devices AD2S1205_15 Datasheet HTML 4Page - Analog Devices AD2S1205_15 Datasheet HTML 5Page - Analog Devices AD2S1205_15 Datasheet HTML 6Page - Analog Devices AD2S1205_15 Datasheet HTML 7Page - Analog Devices AD2S1205_15 Datasheet HTML 8Page - Analog Devices AD2S1205_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
12-Bit RDC
with Reference Oscillator
AD2S1205
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Complete monolithic resolver-to-digital converter (RDC)
Parallel and serial 12-bit data ports
System fault detection
±11 arc minutes of accuracy
Input signal range: 3.15 V p-p ± 27%
Absolute position and velocity outputs
1250 rps maximum tracking rate, 12-bit resolution
Incremental encoder emulation (1024 pulses/rev)
Programmable sinusoidal oscillator on board
Single-supply operation (5.00 V ± 5%)
−40°C to +125°C temperature rating
44-lead LQFP
4 kV ESD protection
Qualified for automotive applications
APPLICATIONS
Automotive motion sensing and control
Hybrid-electric vehicles
Electric power steering
Integrated starter generator/alternator
Industrial motor control
Process control
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
OSCILLATOR
(DAC)
TYPE II TRACKING LOOP
FAULT
DETECTION
POSITION REGISTER
RESET
AD2S1205
DATA BUS OUTPUT
VELOCITY REGISTER
ENCODER
EMULATION
SYNTHETIC
REFERENCE
INTERNAL
CLOCK
GENERATOR
VOLTAGE
REFERENCE
REFERENCE
PINS
CRYSTAL
DATA I/O
ADC
ADC
MULTIPLEXER
EXCITATION
OUTPUTS
INPUTS
FROM
RESOLVER
FAULT
DETECTION
OUTPUTS
ENCODER
EMULATION
OUTPUTS
Figure 1.
GENERAL DESCRIPTION
The AD2S1205 is a complete 12-bit resolution tracking
resolver-to-digital converter that contains an on-board
programmable sinusoidal oscillator providing sine wave
excitation for resolvers.
The converter accepts 3.15 V p-p ± 27% input signals on the Sin
and Cos inputs. A Type II tracking loop is employed to track the
inputs and convert the input Sin and Cos information into a digital
representation of the input angle and velocity. The maximum
tracking rate is a function of the external clock frequency. The
performance of the AD2S105 is specified across a frequency
range of 8.192 MHz ± 25%, allowing a maximum tracking rate
of 1250 rps.
PRODUCT HIGHLIGHTS
1.
Ratiometric Tracking Conversion. The Type II tracking
loop provides continuous output position data without
conversion delay. It also provides noise immunity and
tolerance of harmonic distortion on the reference and
input signals.
2.
System Fault Detection. A fault detection circuit can sense
loss of resolver signals, out-of-range input signals, input
signal mismatch, or loss of position tracking.
3.
Input Signal Range. The Sin and Cos inputs can accept
differential input voltages of 3.15 V p-p ± 27%.
4.
Programmable Excitation Frequency. Excitation frequency
is easily programmable to 10 kHz, 12 kHz, 15 kHz, or 20 kHz
by using the frequency select pins (the FS1 and FS2 pins).
5.
Triple Format Position Data. Absolute 12-bit angular position
data is accessed via either a 12-bit parallel port or a 3-wire
serial interface. Incremental encoder emulation is in standard
A-quad-B format with direction output available.
6.
Digital Velocity Output. 12-bit signed digital velocity accessed
via either a 12-bit parallel port or a 3-wire serial interface.


Similar Part No. - AD2S1205_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

Similar Description - AD2S1205_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX178 MAXIM-MAX178 Datasheet
380Kb / 11P
   Calibrated 12-Bit ADC with T/H and Reference
logo
Linear Technology
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com