Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADW71205WSTZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADW71205WSTZ-RL
Description  12-Bit RDC with Reference Oscillator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADW71205WSTZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADW71205WSTZ-RL Datasheet HTML 1Page - Analog Devices ADW71205WSTZ-RL Datasheet HTML 2Page - Analog Devices ADW71205WSTZ-RL Datasheet HTML 3Page - Analog Devices ADW71205WSTZ-RL Datasheet HTML 4Page - Analog Devices ADW71205WSTZ-RL Datasheet HTML 5Page - Analog Devices ADW71205WSTZ-RL Datasheet HTML 6Page - Analog Devices ADW71205WSTZ-RL Datasheet HTML 7Page - Analog Devices ADW71205WSTZ-RL Datasheet HTML 8Page - Analog Devices ADW71205WSTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD2S1205
Rev. A | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Degradation of Signal (DOS)
Sin/Cos Threshold
4.0
4.09
4.2
V p-p
DOS goes low when Sin or Cos exceeds threshold
Angular Accuracy (Worst Case)
33
Degrees
DOS indicated before angular output error exceeds limit
Angular Latency (Worst Case)
66
Degrees
Maximum electrical rotation before DOS is indicated
Time Latency
125
μs
Sin/Cos Mismatch
385
420
mV
DOS latched low when Sin/Cos amplitude mismatch
exceeds threshold
Loss of Tracking (LOT)
Tracking Threshold
5
Degrees
LOT goes low when internal error signal exceeds
threshold; guaranteed by design
Time Latency
1.1
ms
Hysteresis
4
Degrees
Guaranteed by design
VOLTAGE REFERENCE
REFOUT
2.39
2.47
2.52
V
±IOUT = 100 μA
Drift
70
ppm/°C
PSRR
−60
dB
CHARGE-PUMP OUTPUT (CPO)
Frequency
204.8
kHz
Square wave output, CLKIN = 8.192 MHz
Duty Cycle
50
%
POWER SUPPLY
IDD Dynamic
20
mA
ELECTRICAL CHARACTERISTICS
VIL, Voltage Input Low
0.8
V
VIH, Voltage Input High
2.0
V
VOL, Voltage Output Low
0.4
V
+1 mA load
VOH, Voltage Output High
4.0
V
−1 mA load
IIL, Low Level Input Current
(Non-Pull-Up)
−10
+10
μA
SAMPLE, CS, RDVEL, CLKIN, SOE pins
IIL, Low Level Input Current (Pull-Up)
−80
+80
μA
RD, FS1, FS2, RESET pins
IIH, High Level Input Current
−10
+10
μA
IOZH, High Level Three-State Leakage
−10
+10
μA
IOZL, Low Level Three-State Leakage
−10
+10
μA
1 The voltages for Sin, SinLO, Cos, and CosLO relative to AGND must be between 0.2 V and AVDD.


Similar Part No. - ADW71205WSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADW71205WSTZ-RL AD-ADW71205WSTZ-RL Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

Similar Description - ADW71205WSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX178 MAXIM-MAX178 Datasheet
380Kb / 11P
   Calibrated 12-Bit ADC with T/H and Reference
logo
Linear Technology
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com