Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7006 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7006
Description  HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7006 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7006 Datasheet HTML 2Page - Integrated Device Technology IDT7006 Datasheet HTML 3Page - Integrated Device Technology IDT7006 Datasheet HTML 4Page - Integrated Device Technology IDT7006 Datasheet HTML 5Page - Integrated Device Technology IDT7006 Datasheet HTML 6Page - Integrated Device Technology IDT7006 Datasheet HTML 7Page - Integrated Device Technology IDT7006 Datasheet HTML 8Page - Integrated Device Technology IDT7006 Datasheet HTML 9Page - Integrated Device Technology IDT7006 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6.07
6
IDT7006S/L
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1)(Cont'd.) (VCC = 5.0V
± 10%)
7006X35
7006X55
7006X70
Test
Mil Only
Symbol
Parameter
Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max.
Typ.
(2)
Max. Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
MIL.
S
150
300
150
300
140
300
mA
Current
SEM = VIH
L
140
250
140
250
130
250
(Both Ports Active)
f = fMAX
(3)
COM’L.
S
150
250
150
250
L
140
210
140
210
ISB1
Standby Current
CEL = CER = VIH
MIL.
S
13
80
13
80
10
80
mA
(Both Ports — TTL
SEMR = SEML = VIH
L10
65
10
65
8
65
Level Inputs)
f = fMAX
(3)
COM’L.
S
13
60
13
60
L10
50
10
50
ISB2
Standby Current
CE"A"=VIL and CEL"B"=VIH(5) MIL.
S
85
190
85
190
80
190
mA
(One Port — TTL
Active Port Outputs Open,
L
75
160
75
160
70
160
Level Inputs)
f = fMAX
(3)
COM’L.
S
85
155
85
155
SEMR = SEML = VIH
L
75
130
75
130
ISB3
Full Standby Current
Both Ports
CEL and
MIL.
S
1.0
30
1.0
30
1.0
30
mA
(Both Ports — All
CER > VCC - 0.2V
L
0.2
10
0.2
10
0.2
10
CMOS Level Inputs)
VIN > VCC - 0.2V or
COM’L.
S
1.0
15
1.0
15
VIN < 0.2V, f = 0
(4)
L
0.2
5
0.2
5
SEMR = SEML≥ VCC-0.2V
ISB4
Full Standby Current
CE"A" < 0.2V and
MIL.
S
80
175
80
175
75
175
mA
(One Port — All
CE"B" > VCC - 0.2V
(5)
CMOS Level Inputs)
SEMR = SEML≥ VCC - 0.2V
L
70
150
70
150
65
150
VIN > VCC - 0.2V or
COM’L.
S
80
135
80
135
VIN < 0.2V
Active Port Outputs Open,
L
70
110
70
110
f = fMAX
(3)
DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES (L Version Only)
(VLC = 0.2V, VHC = VCC - 0.2V)(4)
Symbol
Parameter
Test Condition
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
V
ICCDR
Data Retention Current
CE ≥ VHC
MIL.
100
4000
µA
VIN
≥ VHC or ≤ VLC
COM’L.
100
1500
tCDR
(3)
Chip Deselect to Data Retention Time
SEM ≥ VHC
0—
ns
tR
(3)
Operation Recovery Time
tRC
(2)
——
ns
NOTES:
2739 tbl 11
1. TA = +25
°C, VCC = 2V, and are not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed by characterization, but are not production tested.
4. At Vcc = 2V input leakages are undefined
DATA RETENTION MODE
VCC
CE
2739 drw 05
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
VDR
2V
DATA RETENTION WAVEFORM
NOTES:
2739 tbl 10
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25
°C, and are not production tested. ICC DC =120mA (typ).
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B"is the opposite from port "A".


Similar Part No. - IDT7006

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006L IDT-IDT7006L Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
   HIGH-SPEED HIGH-SPEED STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7006

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com