Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72230L35TP Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72230L35TP
Description  CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72230L35TP Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72230L35TP Datasheet HTML 1Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 2Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 3Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 4Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 5Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 6Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 7Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 8Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
5.12
2
IDT72420/72200/72210/72220/72230/72240 CMOS SyncFIFO
64 X 8, 256 X 8, 512 X 8, 1024 X 8, 2048 X 8 and 4096 X 8
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATION
Symbol
Name
I/O
Description
D0 - D7
Data Inputs
I
Data inputs for a 8-bit bus.
RS
Reset
I
When
RS is set LOW, internal read and write pointers are set to the first location of the RAM
array,
FF and AF go HIGH, and AE and EF go LOW. A reset is required before an initial WRITE
after power-up.
WCLK
Write Clock
I
Data is written into the FIFO on a LOW-to-HIGH transition of WCLK when
WEN is asserted.
WEN
Write Enable
I
When
WEN is LOW, data is written into the FIFO on every LOW-to-HIGH transition of WCLK.
Data will not be written into the FIFO if the
FF is LOW.
Q0 - Q7
Data Outputs
O
Data outputs for a 8-bit bus.
RCLK
Read Clock
I
Data is read from the FIFO on a LOW-to-HIGH transition of RCLK when
REN is asserted.
REN
Read Enable
I
When
REN is LOW, data is read from the FIFO on every LOW-to-HIGH transition of RCLK.
Data will not be read from the FIFO if the
EF is LOW.
OE
Output Enable
I
When
OE is LOW, the data output bus is active. If OE is HIGH, the output data bus will be in a
high-impedance state.
EF
Empty Flag
O
When
EF is LOW, the FIFO is empty and further data reads from the output are inhibited. When
EF is HIGH, the FIFO is not empty. EF is synchronized to RCLK.
AE
Almost-Empty
O
When
AE is LOW, the FIFO is almost empty based on the offset Empty+7. AE is synchronized
Flag
to RCLK.
AF
Almost-Full Flag
O
When
AF is LOW, the FIFO is almost full based on the offset Full-7. AF is synchronized to
WCLK.
FF
Full Flag
O
When
FF is LOW, the FIFO is full and further data writes into the input are inhibited. When FF is
HIGH, the FIFO is not full.
FF is synchronized to WCLK.
VCC
Power
One +5 volt power supply pin.
GND
Ground
One 0 volt ground pin.
PIN DESCRIPTIONS
2680 tbl 01
DIP TOP
VIEW
D5
P28-2
C28-1
2680 drw 02
VCC
Q1
Q2
Q3
Q4
Q5
Q6
Q7
WCLK
RS
D7
D6
WEN
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Q0
FF
EF
OE
REN
RCLK
GND
AE
AF
D0
D1
D2
D3
D4
14
13
12
11
10
9
8
7
6
5
4
3
2
1


Similar Part No. - IDT72230L35TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72230L10TPG IDT-IDT72230L10TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72230L15TPG IDT-IDT72230L15TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72230L25TPG IDT-IDT72230L25TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results

Similar Description - IDT72230L35TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com