Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72265L15PFB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72265L15PFB
Description  CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72265L15PFB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72265L15PFB Datasheet HTML 1Page - Integrated Device Technology IDT72265L15PFB Datasheet HTML 2Page - Integrated Device Technology IDT72265L15PFB Datasheet HTML 3Page - Integrated Device Technology IDT72265L15PFB Datasheet HTML 4Page - Integrated Device Technology IDT72265L15PFB Datasheet HTML 5Page - Integrated Device Technology IDT72265L15PFB Datasheet HTML 6Page - Integrated Device Technology IDT72265L15PFB Datasheet HTML 7Page - Integrated Device Technology IDT72265L15PFB Datasheet HTML 8Page - Integrated Device Technology IDT72265L15PFB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
IDT72255/72265 SyncFIFO
8,192 x 18, 16,384 x 18
MILITARY AND COMMERCIAL TEMPERATURE RANGES
RECOMMENDED DC
OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCCM
Military Supply
4.5
5.0
5.5
V
Voltage
VCCC
Commercial Supply
4.5
5.0
5.5
V
Voltage
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
Commercial
VIH
Input High Voltage
2.2
V
Military
VIL
(1)
Input Low Voltage
0.8
V
Commercial & Military
NOTE:
3037 tbl 03
1. 1.5V undershoots are allowed for 10ns once per cycle.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with respect to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature Under
–55 to +125
–65 to +135
°C
Bias
TSTG
Storage
–55 to +125
–65 to +155
°C
Temperature
IOUT
DC Output Current
50
50
mA
NOTE:
3037 tbl 02
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied.
Exposure to absolute maimum rating conditions for extended periods may
affect reliabilty.
DT72255L
IDT72255L
IDT72265L
IDT72265L
Commercial
Military
tCLK = 10, 12,15, 20ns
tCLK = 15, 25ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (any input)
–1
1
–10
10
µA
ILO
(2)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
0.4
V
ICC1
(3)
Active Power Supply Current
180
250
mA
ICC2
(3,4)
Power Down Current (All inputs = VCC - 0.2V or
15
25
mA
GND + 0.2V, RCLK and WCLK are free-running)
NOTES
:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
OE = VIH
3. Tested at f = 20 MHz with outputs unloaded.
4. No data written or read for more than 10 cycles
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
1. With output deselected, (
OE=HIGH).
2. Characterized values, not currently tested.
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
(2)
Input
VIN = 0V
10
pF
Capacitance
COUT
(1,2)
Output
VOUT = 0V
10
pF
Capacitance
3037 tbl 05
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
3037 tbl 04


Similar Part No. - IDT72265L15PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72265LA IDT-IDT72265LA Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72265LA IDT-IDT72265LA Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72265LA RENESAS-IDT72265LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72265LA10PF IDT-IDT72265LA10PF Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72265LA10PFG IDT-IDT72265LA10PFG Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - IDT72265L15PFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
logo
Integrated Device Techn...
IDT72261 IDT-IDT72261 Datasheet
388Kb / 30P
   CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com