Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD534 Datasheet(PDF) 10 Page - Analog Devices

Part # AD534
Description  Internally Trimmed Precision IC Multiplier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD534_15 Datasheet HTML 6Page - Analog Devices AD534_15 Datasheet HTML 7Page - Analog Devices AD534_15 Datasheet HTML 8Page - Analog Devices AD534_15 Datasheet HTML 9Page - Analog Devices AD534_15 Datasheet HTML 10Page - Analog Devices AD534_15 Datasheet HTML 11Page - Analog Devices AD534_15 Datasheet HTML 12Page - Analog Devices AD534_15 Datasheet HTML 13Page - Analog Devices AD534_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
AD534
Rev. D | Page 9 of 20
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
AD534
TOP VIEW
(Not to Scale)
4
NC
5
NC
6
SF
7
NC
8
NC
18
OUT
17
NC
16
Z1
15
NC
14
Z2
19
20
1
2
3
13
12
11
10
9
Figure 6. LCC (E-20-1) Pin Configuration
Table 7. E-20-1 Package Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 5, 7, 8, 11, 13, 15, 17, 19
NC
No Connect. Do not connect to this pin.
2
X1
Noninverting Differential Input of the X Multiplicand Input.
3
X2
Inverting Differential Input of the X Multiplicand Input.
6
SF
Scale Factor Input.
9
Y1
Noninverting Differential Input of the Y Multiplicand Input.
10
Y2
Inverting Differential Input of the Y Multiplicand Input.
12
−VS
Negative Supply Rail.
14
Z2
Inverting Differential Input of the Z Reference Input.
16
Z1
Noninverting Differential Input of the Z Reference Input.
18
OUT
Product Output.
20
+VS
Positive Supply Rail.


Similar Part No. - AD534_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5340 AD-AD5340 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5340 AD-AD5340 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
More results

Similar Description - AD534_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com