Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS22A-210A Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SS22A-210A
Description  Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS22A-210A Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SS22A-210A Datasheet HTML 1Page - Bruckewell Technology LTD SS22A-210A Datasheet HTML 2Page - Bruckewell Technology LTD SS22A-210A Datasheet HTML 3Page - Bruckewell Technology LTD SS22A-210A Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS22A-SS2100A
Surface Mount Schottky Barrier Rectifiers
REVERSE VOLTAGE: 20 - 100 V
Publication Order Number: [SS22A-SS2100A]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Guarding protection
• Low forward voltage
• Reverse energy tested
• High current capability
• Extremely low thermal resistance
• RoHS Compliant package
Mechanical Data
• Case: SMA Molded plastic
• Epoxy: UL94V-O rate flame retardant
• Lead: Lead Formed for Surface Mount
• Polarity: Color band denotes cathode end
• Mounting position: Any
• Weight: 0.065 gram
Packing & Order Information
5,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
SS22A
SS23A
SS24A
SS25A
SS26A
SS28A
SS29A
SS2100A
Unit
Device marking code
SS22A
SS23A
SS24A
SS25A
SS26A
SS28A
SS29A
SS2100A
Maximum
repetitive
peak reverse voltage
VRRM
20
30
40
50
60
80
90
100
V
Working peak reverse
voltage
VRWS
14
21
28
35
42
56
63
70
V
Maximum DC blocking
VDC
20
30
40
50
60
80
90
100
V
Maximum
average
forward
rectified
current at TL=90°C
IF(AV)
20
A
Peak
forward
surge
current 8.3ms single
half sine-wave
IFSM
80
A


Similar Part No. - SS22A-210A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS22A-2A-20V.SMAF DGNJDZ-SS22A-2A-20V.SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS22A-210A

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS32A-3100A BWTECH-SS32A-3100A Datasheet
362Kb / 4P
   Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
SS32B-SS3100B BWTECH-SS32B-SS3100B Datasheet
363Kb / 4P
   Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE: 20 - 100 V
SS32A-310A BWTECH-SS32A-310A Datasheet
362Kb / 4P
   Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE: 20 - 100 V
SS32-SS3100 BWTECH-SS32-SS3100 Datasheet
362Kb / 4P
   Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
MDB22S BWTECH-MDB22S Datasheet
972Kb / 3P
   Surface Mount Schottky Bridge Rectifiers REVERSE VOLTAGE: 20 - 100 V
logo
E-CMOS Corporation
EC76DSS22 E-CMOS-EC76DSS22 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
logo
Leshan Radio Company
SM220A LRC-SM220A Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V
logo
Rugao Dachang Electroni...
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
logo
SeCoS Halbleitertechnol...
MSCD102 SECOS-MSCD102 Datasheet
177Kb / 3P
   Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com