Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10EDA60_2015 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 10EDA60_2015
Description  Standard Recovery Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

10EDA60_2015 Datasheet(HTML) 1 Page - National Instruments Corporation

  10EDA60_2015 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
■OUTLINE DRAWING(mm)
■Approx Net Weight:0.17g
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/ Thermal Characteristics
1A Avg.
Volts Standard Recovery Diode
600
10EDA60
■定格・特性曲線
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
10EDA60
0
0.4
0.8
1.2
1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
0.1
0.2
0.5
1
2
5
10
(A)
Tj=25
∞C
Tj=150
∞C
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
10EDA60
0
0.4
0.8
1.2
1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
0.1
0.2
0.5
1
2
5
10
(A)
Tj=25˚C
Tj=150˚C
FIG.1
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
10EDA60
P.C. Board mounted (L=3mm,Print Land=5
◊5mm,Both Sides))
0
25
50
75
100
125
150
周 囲 温 度 (℃)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
(A)
HALF SINE WAVE
D.C.
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
10EDA60
P.C. Board mounted (L=3mm,Print Land=5
◊5mm,Both Sides))
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (˚C)
周 囲 温 度 (℃)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
(A)
HALF SINE WAVE
D.C.
FIG.4
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
10EDA60
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
時 間 (s)
0
10
20
30
40
50
(A)
0.02s
IFSM
FIG.5
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
0
0.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
(W)
10EDA60
HALF SINE WAVE
D.C.
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
0
0.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
(W)
10EDA60
HALF SINE WAVE
D.C.
FIG.2
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
10EDA60
Without Fin or P.C. Board
0
25
50
75
100
125
150
周 囲 温 度 (℃)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
(A)
HALF SINE WAVE
D.C.
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
10EDA60
Without Fin or P.C. Board
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (˚C)
周 囲 温 度 (℃)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
(A)
HALF SINE WAVE
D.C.
FIG.3
Item
Conditions
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM
熱抵抗
Thermal Resistance
接合部・周囲間
Junction to Ambient
プリント基板実装*1
Min.
Typ.
Max.
10
110
Symbol
I RM
Rth(j-a)
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=1A
1.0
Unit
μA
V
℃/W
単体フイン無し*2
140
℃/W
*1:プリント基板実装 / P.C. Board mounted (L=3mm, Print Lands=5×5 mm, Both Sides)
*2:単体フイン無し/ Without Fin or P.C. Board mounted
Item
Symbol
Conditions
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
600
平均整流電流
Average Rectified Output Current
I O
Ta=39℃*1
1.0
Ta=26℃*2
0.9
実効順電流
R.M.S. Forward Current
I F(RMS)
1.57
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
45
50Hz正弦半波,1サイクル,非くり返し 
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
V
50Hz 正弦半波抵抗負荷
50Hz half sine wave Resistance load
A
A
A
A


Similar Part No. - 10EDA60_2015

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10EDA60 NI-10EDA60_15 Datasheet
136Kb / 1P
   Standard Recovery Diode
More results

Similar Description - 10EDA60_2015

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD700C TEL-SD700C Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
16F-10 TEL-16F-10 Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
50PF-40 TEL-50PF-40 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
logo
Nell Semiconductor Co.,...
D1400B NELLSEMI-D1400B Datasheet
3Mb / 3P
   STANDARD RECOVERY DIODE
logo
Nihon Inter Electronics...
EP05DA40 NIEC-EP05DA40 Datasheet
138Kb / 1P
   Standard Recovery Diode
logo
National Instruments Co...
10DDA40_2015 NI-10DDA40_2015 Datasheet
138Kb / 1P
   Standard Recovery Diode
10DDA60_2015 NI-10DDA60_2015 Datasheet
146Kb / 1P
   Standard Recovery Diode
10EDB10_2015 NI-10EDB10_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10EDB20_2015 NI-10EDB20_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10EDB60_2015 NI-10EDB60_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10JDA10_2015 NI-10JDA10_2015 Datasheet
141Kb / 1P
   Standard Recovery Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com