Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7164L30YB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7164L30YB
Description  CMOS STATIC RAM 64K (8K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164L30YB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7164L30YB Datasheet HTML 1Page - Integrated Device Technology IDT7164L30YB Datasheet HTML 2Page - Integrated Device Technology IDT7164L30YB Datasheet HTML 3Page - Integrated Device Technology IDT7164L30YB Datasheet HTML 4Page - Integrated Device Technology IDT7164L30YB Datasheet HTML 5Page - Integrated Device Technology IDT7164L30YB Datasheet HTML 6Page - Integrated Device Technology IDT7164L30YB Datasheet HTML 7Page - Integrated Device Technology IDT7164L30YB Datasheet HTML 8Page - Integrated Device Technology IDT7164L30YB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.1
2
IDT7164S/L
CMOS STATIC RAM 64K (8K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
PIN DESCRIPTIONS
Name
Description
A0–A12
Address
I/O0–I/O7
Data Input/Output
CS1
Chip Select
CS2
Chip Select
WE
Write Enable
OE
Output Enable
GND
Ground
VCC
Power
2967 tbl 01
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Com’l.
Mil.
Unit
VTERM(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output
50
50
mA
Current
NOTES:
2967 tbl 03
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VTERM must not exceed VCC + 0.5V.
DIP/SOJ
TOP VIEW
TRUTH TABLE(1,2,3)
WE
WE
CS
CS1
CS2
OE
OE
I/O
Function
X
H
X
X
High-Z
Deselected – Standby (ISB)
X
X
L
X
High-Z
Deselected – Standby (ISB)
XVHC VHC or
X
High-Z
Deselected –Standby (ISB1)
VLC
XX
VLC
X
High-Z
Deselected –Standby (ISB1)
H
L
H
H
High-Z
Output Disabled
H
L
H
L
DataOUT Read Data
L
L
H
X
DataIN
Write Data
NOTES:
2967 tbl 02
1. CS2 will power-down
CS1, but CS1 will not power-down CS2.
2. H = VIH, L = VIL, X = don't care.
3. VLC = 0.2V, VHC = VCC - 0.2V
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5V
± 10%
Commercial
0
°C to +70°C
0V
5V
± 10%
2967 tbl 04
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input HIGH Voltage
2.2
— VCC + 0.5 V
VIL
Input LOW Voltage
–0.5(1)
0.8
V
NOTE:
2967 tbl 05
1. VIL (min.) = –1.5V for pulse width less than 10ns, once per cycle.
2967 drw 02
5
6
7
8
9
10
11
12
A 12
1
2
3
4
24
23
22
21
20
19
18
17
D28-1
D28-3
P28-1
P28-2
SO28-5
13
14
28
27
26
25
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
I/O0
I/O1
V CC
WE
A 8
A 9
A 11
OE
A 10
CS1
I/O7
16
15
I/O2
GND
I/O6
I/O5
I/O4
I/O3
NC
CS2


Similar Part No. - IDT7164L30YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164L IDT-IDT7164L Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164LL IDT-IDT7164LL Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164LS IDT-IDT7164LS Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
More results

Similar Description - IDT7164L30YB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com