Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2450E0805HT Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BM2450E0805HT
Description  Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BM2450E0805HT Datasheet(HTML) 2 Page - Frontier Electronics.

  BM2450E0805HT Datasheet HTML 1Page - Frontier Electronics. BM2450E0805HT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BM2450E0805HT BALUN MATCHED SPECIFICATION
Rev. A
Typical RF Performance
1
2
3
4
5
0
6
-60
-40
-20
-80
0
freq, GHz
m1
m2
m3
m4
m5
m6
m1
freq=
dB(S(2,1))=-2.101
2.450GHz
m2
freq=
dB(S(2,1))=-21.365
1.990GHz
m3
freq=
dB(S(2,1))=-33.849
1.880GHz
m4
freq=
dB(S(2,1))=-35.698
1.575GHz
m5
freq=
dB(S(2,1))=-37.403
980.0MHz
m6
freq=
dB(S(2,1))=-48.975
4.900GHz
1
2
3
4
5
0
6
-100
0
100
-200
200
freq, GHz
m8
m7
m7
freq=
phase(S(1,3))=72.722
2.450GHz
m8
freq=
phase(S(1,2))=-108.953
2.450GHz
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - BM2450E0805HT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BM2450E0805AT FRONTIER-BM2450E0805AT Datasheet
209Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.5 mm, RoHS compliant.
BM2450E0805BT FRONTIER-BM2450E0805BT Datasheet
202Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BM2450E0805CT FRONTIER-BM2450E0805CT Datasheet
192Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BM2450E0805DT FRONTIER-BM2450E0805DT Datasheet
197Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805ET FRONTIER-BM2450E0805ET Datasheet
196Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
More results

Similar Description - BM2450E0805HT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BM2450E0805FT FRONTIER-BM2450E0805FT Datasheet
197Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805JT FRONTIER-BM2450E0805JT Datasheet
246Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805NT FRONTIER-BM2450E0805NT Datasheet
246Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805DT FRONTIER-BM2450E0805DT Datasheet
197Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805ET FRONTIER-BM2450E0805ET Datasheet
196Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805GT FRONTIER-BM2450E0805GT Datasheet
199Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BF5400E0805AT FRONTIER-BF5400E0805AT Datasheet
279Kb / 2P
   Surface mount balun filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805PT FRONTIER-BM2450E0805PT Datasheet
227Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 1.0 mm, RoHS compliant.
BM2450E0805AT FRONTIER-BM2450E0805AT Datasheet
209Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.5 mm, RoHS compliant.
BM2450E0805CT FRONTIER-BM2450E0805CT Datasheet
192Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com