Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2450K0603AT Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BM2450K0603AT
Description  BM2450K0603AT BALUN SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BM2450K0603AT Datasheet(HTML) 2 Page - Frontier Electronics.

  BM2450K0603AT Datasheet HTML 1Page - Frontier Electronics. BM2450K0603AT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BM2450K0603AT BALUN SPECIFICATION
Rev. A
TEST DATA
Typical RF Performance
(1). Amplitude balance
(2). Phase balance
Frontier Electronics Corp.
®
Page: 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - BM2450K0603AT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BM2450K0805AT FRONTIER-BM2450K0805AT Datasheet
372Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.25 X 0.6 mm, RoHS compliant.
More results

Similar Description - BM2450K0603AT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1570B1 TDK-HHM1570B1 Datasheet
51Kb / 2P
   MULTILAYER BALUN SPECIFICATION
logo
List of Unclassifed Man...
HHM1711D1 ETC1-HHM1711D1 Datasheet
39Kb / 2P
   MULTILAYER BALUN SPECIFICATION
logo
TDK Electronics
HHM1562B TDK-HHM1562B Datasheet
50Kb / 2P
   MULTILAYER BALUN SPECIFICATION
HHM1517 TDK-HHM1517 Datasheet
59Kb / 2P
   MULTILAYER BALUN SPECIFICATION
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
   BALUN
RBL-2012-A8-TR RALTRON-RBL-2012-A8-TR Datasheet
422Kb / 3P
   BALUN
logo
YAGEO Corporation
BLN1608LL01R5000A YAGEO-BLN1608LL01R5000A Datasheet
638Kb / 6P
   Balun
logo
Raltron Electronics Cor...
RBL-1608-AC6-TR RALTRON-RBL-1608-AC6-TR Datasheet
317Kb / 4P
   BALUN
RBL-2012-G9D4-TR RALTRON-RBL-2012-G9D4-TR Datasheet
519Kb / 3P
   BALUN
logo
YAGEO Corporation
BLN1608LL01R2400A YAGEO-BLN1608LL01R2400A Datasheet
359Kb / 5P
   Balun
logo
Raltron Electronics Cor...
RBL-1608-A3-TR RALTRON-RBL-1608-A3-TR Datasheet
295Kb / 3P
   BALUN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com