Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD622 Datasheet(PDF) 5 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 5 Page - Analog Devices

  AD622_15 Datasheet HTML 1Page - Analog Devices AD622_15 Datasheet HTML 2Page - Analog Devices AD622_15 Datasheet HTML 3Page - Analog Devices AD622_15 Datasheet HTML 4Page - Analog Devices AD622_15 Datasheet HTML 5Page - Analog Devices AD622_15 Datasheet HTML 6Page - Analog Devices AD622_15 Datasheet HTML 7Page - Analog Devices AD622_15 Datasheet HTML 8Page - Analog Devices AD622_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD622
Data Sheet
Rev. E | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
1000
kHz
G = 10
800
kHz
G = 100
120
kHz
G = 1000
12
kHz
Slew Rate
1.2
V/µs
Settling Time to 0.1%
10 V step
G = 1 to 100
10
µs
NOISE
Voltage Noise, 1 kHz
Total RTI Noise = √(e2ni) + (eno∕G)2
Input Voltage Noise, eni
12
nV/√Hz
Output Voltage Noise, eno
72
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
4.0
µV p-p
G = 10
0.6
µV p-p
G = 100
0.3
µV p-p
Current Noise
f = 1 kHz
100
fA/√Hz
0.1 Hz to 10 Hz
10
pA p-p
REFERENCE INPUT
RIN
20
kΩ
IIN
VIN+, VREF = 0
50
60
µA
Voltage Range
−VS + 1.6
+VS – 1.6
V
Gain to Output
1 ± 0.0015
POWER SUPPLY
Operating Range3
±2.6
±18
V
Quiescent Current
VS = ±2.6 V to ±18 V
0.9
1.3
mA
Over Temperature
1.1
1.5
mA
TEMPERATURE RANGE
For Specified Performance
−40 to +85
°C
1
Does not include effects of External Resistor RG.
2
One input grounded, G = 1.
3
Defined as the same supply range that is used to specify PSR.


Similar Part No. - AD622_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622_1 Datasheet
395Kb / 16P
   Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
More results

Similar Description - AD622_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622_1 Datasheet
395Kb / 16P
   Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_16 Datasheet
483Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com