Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72245LB20TF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72245LB20TF
Description  CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72245LB20TF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72245LB20TF Datasheet HTML 6Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 7Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 8Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 9Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 10Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 11Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 12Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 13Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFO™
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
Commercial And Industrial Temperature Ranges
Figure 7. First Data Word Latency after Reset with Simultaneous Read and Write
Figure 8. Full Flag Timing
WCLK
D0 - D17
RCLK
Q0 - Q17
t DS
tSKEW2
t ENS
t REF
tA
0
12
3
D
DDD
01
DD
(first valid write)
t OE
t OLZ
tA
tFRL(1)
D4
tENS
2766 drw 09
NOTE:
1. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that
FF will go HIGH during the current clock cycle. If the
time between the rising edge of RCLK and the rising edge of WCLK is less than tSKEW1, then
FF may not change state until the next WCLK edge.
DATA READ
WCLK
D0 - D17
RCLK
Q0 - Q17
t A
t WFF
DATA WRITE
t WFF
t ENH
t ENS
t DS
t WFF
t DS
DATA
WRITE
NEXT DATA READ
t A
NO WRITE
NO WRITE
DATA IN OUTPUT REGISTER
LOW
tSKEW1
(1)
t SKEW1
(1)
t ENH
t ENS
2766 drw 10
NOTES:
1. When tSKEW2 minimum specification, tFRL (maximum) = tCLK + tSKEW2. When tSKEW2 < minimum specification, tFRL (maximum) = either
2*tCLK + tSKEW2 or tCLK + tSKEW2. The Latency Timing applies only at the Empty Boundary (
EF = LOW).
2. The first word is available the cycle after
EF goes HIGH, always.


Similar Part No. - IDT72245LB20TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72245LB IDT-IDT72245LB Datasheet
338Kb / 16P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72245LB RENESAS-IDT72245LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - IDT72245LB20TF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com